Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6502UKP010-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6502UKP010-T
Description  Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6502UKP010-T Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX6502UKP010-T Datasheet HTML 1Page - Maxim Integrated Products MAX6502UKP010-T Datasheet HTML 2Page - Maxim Integrated Products MAX6502UKP010-T Datasheet HTML 3Page - Maxim Integrated Products MAX6502UKP010-T Datasheet HTML 4Page - Maxim Integrated Products MAX6502UKP010-T Datasheet HTML 5Page - Maxim Integrated Products MAX6502UKP010-T Datasheet HTML 6Page - Maxim Integrated Products MAX6502UKP010-T Datasheet HTML 7Page - Maxim Integrated Products MAX6502UKP010-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Low-Cost, +2.7V to +5.5V, Micropower
Temperature Switches in SOT23 and TO-220
GND
VCC
HYST
( ) ARE FOR MAX6502.
15 TOVER
(TOVER)
GND
MAX6501
MAX6502
SOT23-5
TOP VIEW
2
34
GND
VCC
HYST
( ) ARE FOR MAX6504.
15 TUNDER
(TUNDER)
GND
MAX6503
MAX6504
SOT23-5
2
34
GND TOVER
(TOVER)
HYST
GND
MAX6501
MAX6502
TO-220-7
GND
VCC
HYST
GND
MAX6503
MAX6504
TO-220-7
TUNDER
(TUNDER)
1 23 4 56 7
1 23 4 56 7
VCC
Pin Configurations
Chip Information
TRANSISTOR COUNT: 237
SUBSTRATE CONNECTED TO GND
PART
MAX6501 MAX6502 MAX6503 MAX6504
OUTPUT
STAGE
Open-
Drain
Push-Pull
Open-
Drain
Push-Pull
TRIP TEMP
THRESHOLD
Hot
Hot
Cold
Cold
































Selector Guide
-45
-35
-25
-15
-5
+5
+15
+35
+45
+55
+65
+75
+85
+95
+105
+115
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.


Similar Part No. - MAX6502UKP010-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX6502UKP045-T ONSEMI-MAX6502UKP045-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
MAX6502UKP055-T ONSEMI-MAX6502UKP055-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
MAX6502UKP065-T ONSEMI-MAX6502UKP065-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
MAX6502UKP075-T ONSEMI-MAX6502UKP075-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
MAX6502UKP085-T ONSEMI-MAX6502UKP085-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
More results

Similar Description - MAX6502UKP010-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6516 MAXIM-MAX6516_11 Datasheet
238Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 1; 2/11
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Analog Devices
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com