Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX810SEUR-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX810SEUR-T
Description  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX810SEUR-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX810SEUR-T Datasheet HTML 1Page - Maxim Integrated Products MAX810SEUR-T Datasheet HTML 2Page - Maxim Integrated Products MAX810SEUR-T Datasheet HTML 3Page - Maxim Integrated Products MAX810SEUR-T Datasheet HTML 4Page - Maxim Integrated Products MAX810SEUR-T Datasheet HTML 5Page - Maxim Integrated Products MAX810SEUR-T Datasheet HTML 6Page - Maxim Integrated Products MAX810SEUR-T Datasheet HTML 7Page - Maxim Integrated Products MAX810SEUR-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
_______________________________________________________________________________________
5
Detailed Description
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The MAX803/MAX809/MAX810 assert
reset to prevent code-execution errors during power-
up, power-down, or brownout conditions. They assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at
least 140ms after VCC has risen above the reset thresh-
old. The MAX803 uses an open-drain output, and the
MAX809/MAX810 have a push-pull output stage.
Connect a pull-up resistor on the MAX803’s RESET out-
put to any supply between 0 and 6V.
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the MAX803/
MAX809/MAX810 are relatively immune to short-duration
negative-going VCC transients (glitches).
Figure 1 shows typical transient duration vs. reset com-
parator overdrive, for which the MAX803/MAX809/
MAX810 do not generate a reset pulse. The graph was
generated using a negative-going pulse applied to VCC,
starting 0.5V above the actual reset threshold and end-
ing below it by the magnitude indicated (reset compara-
tor overdrive). The graph indicates the maximum pulse
width a negative-going VCC transient can have without
causing a reset pulse. As the magnitude of the transient
increases (goes farther below the reset threshold), the
maximum allowable pulse width decreases. Typically, for
the MAX8__L and MAX8__M, a VCC transient that goes
100mV below the reset threshold and lasts 20µs or less
will not cause a reset pulse. A 0.1µF bypass capacitor
mounted as close as possible to the VCC pin provides
additional transient immunity.
Ensuring a Valid Reset Output
Down to VCC = 0
When VCC falls below 1V, the MAX809 RESET output
no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to RESET can drift to undetermined voltages.
This presents no problem in most applications since
most µP and other circuitry is inoperative with VCC
below 1V. However, in applications where RESET must
be valid down to 0V, adding a pull-down resistor to
RESET causes any stray leakage currents to flow to
3-Pin Microprocessor Reset Circuits
R1
100k
VCC
GND
MAX809
RESET
Figure 2. RESET Valid to VCC = Ground Circuit
2
RESET
(MAX803/
MAX809)
RESET Output remains low while VCC
is below the reset threshold, and for at
least 140ms after VCC rises above the
reset threshold.
1
GND
Ground
PIN
NAME
FUNCTION
RESET
(MAX810)
RESET Output remains high while VCC
is below the reset threshold, and for at
least 140ms after VCC rises above the
reset threshold.
_____________________Pin Description
400
320
0
1
100
1000
160
80
240
RESET COMPARATOR OVERDRIVE, VTH - VCC (mV)
10
TA = +25°C
MAX8_ _J/L/M
MAX8_ _R/S/T/Z
Figure 1. Maximum Transient Duration Without Causing a
Reset Pulse vs. Reset Comparator Overdrive
3
VCC
Supply Voltage (+5V, +3.3V, +3.0V, or
+2.5V)


Similar Part No. - MAX810SEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX810SEUR MAXIM-MAX810SEUR Datasheet
167Kb / 8P
   MAX803/MAX809/MAX810 3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
More results

Similar Description - MAX810SEUR-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com