Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX902CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX902CSD
Description  High-Speed, Low-Power Voltage Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX902CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX902CSD Datasheet HTML 1Page - Maxim Integrated Products MAX902CSD Datasheet HTML 2Page - Maxim Integrated Products MAX902CSD Datasheet HTML 3Page - Maxim Integrated Products MAX902CSD Datasheet HTML 4Page - Maxim Integrated Products MAX902CSD Datasheet HTML 5Page - Maxim Integrated Products MAX902CSD Datasheet HTML 6Page - Maxim Integrated Products MAX902CSD Datasheet HTML 7Page - Maxim Integrated Products MAX902CSD Datasheet HTML 8Page - Maxim Integrated Products MAX902CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Speed, Low-Power Voltage Comparators
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VDD = +5V, LE1–LE4 = logic high, TA = full operating temperature, unless otherwise noted.)
MAX900A/MAX901A
MAX900B/MAX901B/
MAX902/MAX903
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
VCM = 0,
VO = 1.4V
13
2
6
mV
Input Bias Current
IB
IIN+ or IIN-
4
10
6
15
µA
Input Offset Current
IOS
VCM = 0,
VO = 1.4V
100
500
200
800
nA
Input Voltage Range
VCM
(Note 1)
VEE -
0.1
VCC -
2.25
VEE -
0.1
VCC -
2.25
V
Common-Mode
Rejection Ratio
CMRR
-5V < VCM <
+2.75V,
VO = 1.4V
(Note 2)
80
250
120
500
µV/V
Power-Supply
Rejection Ratio
PSRR
(Note 2)
100
250
150
500
µV/V
Output High Voltage
VOH
VIN > 250mV,
ISRC = 1mA
2.4
3.5
2.4
3.5
V
Output Low Voltage
VOL
VIN > 250mV,
ISINK = 8mA
0.3
0.4
0.3
0.4
V
Latch Input Voltage
High
VLH
(Note 7)
1.4
2.0
1.4
2.0
V
Latch Input Voltage
Low
VLL
(Note 7)
0.8
1.4
0.8
1.4
V
Latch Input Current
High
ILH
VLH = 3.0V
(Note 7)
2
20
1
20
µA
Latch Input Current
Low
ILL
VLL = 0.3V
(Note 7)
2
20
1
20
µA


Similar Part No. - MAX902CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9020 MAXIM-MAX9020 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9020 MAXIM-MAX9020 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9020 MAXIM-MAX9020 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9020EKA MAXIM-MAX9020EKA Datasheet
78Kb / 6P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX9020EKA-T MAXIM-MAX9020EKA-T Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
More results

Similar Description - MAX902CSD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H Datasheet
431Kb / 7P
   High Temperature Low Power Quad Voltage Comparators
LM2901H STMICROELECTRONICS-LM2901H_08 Datasheet
344Kb / 9P
   High temperature low power quad voltage comparators
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com