Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7002BKXB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NX7002BKXB
Description  60 V, dual N-channel Trench MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX7002BKXB Datasheet(HTML) 1 Page - NXP Semiconductors

  NX7002BKXB_15 Datasheet HTML 1Page - NXP Semiconductors NX7002BKXB_15 Datasheet HTML 2Page - NXP Semiconductors NX7002BKXB_15 Datasheet HTML 3Page - NXP Semiconductors NX7002BKXB_15 Datasheet HTML 4Page - NXP Semiconductors NX7002BKXB_15 Datasheet HTML 5Page - NXP Semiconductors NX7002BKXB_15 Datasheet HTML 6Page - NXP Semiconductors NX7002BKXB_15 Datasheet HTML 7Page - NXP Semiconductors NX7002BKXB_15 Datasheet HTML 8Page - NXP Semiconductors NX7002BKXB_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NX7002BKXB
60 V, dual N-channel Trench MOSFET
30 June 2015
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Dual N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small
DFN1010B-6 (SOT1216) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
2. Features and benefits
Logic-level compatible
Leadless ultra small and ultra thin SMD plastic package 1.1 x 1.0 x 0.37 mm
Trench MOSFET technology
ElectroStatic Discharge (ESD) protection > 2 kV HBM
3. Applications
Relay driver
High-speed line driver
Low-side loadswitch
Switching circuits
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VDS
drain-source voltage
-
-
60
V
VGS
gate-source voltage
Tj = 25 °C
-20
-
20
V
VGS = 10 V; Tsp = 25 °C
-
-
330
mA
ID
drain current
VGS = 10 V; Tamb = 25 °C
[1]
-
-
260
mA
Static characteristics (per transistor)
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 200 mA; Tj = 25 °C
-
2.2
2.8
Ω
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and mounting pad
for drain 1 cm2.


Similar Part No. - NX7002BKXB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX7002BKXB NEXPERIA-NX7002BKXB Datasheet
743Kb / 17P
   60 V, dual N-channel Trench MOSFET
More results

Similar Description - NX7002BKXB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2N7002HS NEXPERIA-2N7002HS Datasheet
294Kb / 15P
   60 V, dual N-channel Trench MOSFET
15 December 2021
NX138AKS NEXPERIA-NX138AKS Datasheet
789Kb / 16P
   60 V, dual N-channel Trench MOSFET
logo
NXP Semiconductors
NX7002BKS PHILIPS-NX7002BKS_15 Datasheet
301Kb / 16P
   60 V, dual N-channel Trench MOSFET
12 May 2015
logo
Nexperia B.V. All right...
NX138BKS NEXPERIA-NX138BKS Datasheet
761Kb / 15P
   60 V, dual N-channel Trench MOSFET
NX7002AKS NEXPERIA-NX7002AKS Datasheet
1Mb / 15P
   60 V, dual N-channel Trench MOSFET
NX7002BKS NEXPERIA-NX7002BKS Datasheet
731Kb / 16P
   60 V, dual N-channel Trench MOSFET
12 May 2015
logo
NXP Semiconductors
NX7002AKS PHILIPS-NX7002AKS_15 Datasheet
866Kb / 15P
   60 V, dual N-channel Trench MOSFET
Rev. 1-1 March 2012
logo
Nexperia B.V. All right...
NX7002BKXB NEXPERIA-NX7002BKXB Datasheet
743Kb / 17P
   60 V, dual N-channel Trench MOSFET
NX6008NBKS NEXPERIA-NX6008NBKS Datasheet
288Kb / 14P
   60 V, dual N-channel Trench MOSFET
19 August 2021
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
   60 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com