Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6328UR34-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6328UR34-T
Description  3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6328UR34-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6328UR34-T Datasheet HTML 1Page - Maxim Integrated Products MAX6328UR34-T Datasheet HTML 2Page - Maxim Integrated Products MAX6328UR34-T Datasheet HTML 3Page - Maxim Integrated Products MAX6328UR34-T Datasheet HTML 4Page - Maxim Integrated Products MAX6328UR34-T Datasheet HTML 5Page - Maxim Integrated Products MAX6328UR34-T Datasheet HTML 6Page - Maxim Integrated Products MAX6328UR34-T Datasheet HTML 7Page - Maxim Integrated Products MAX6328UR34-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX6326/MAX6327/MAX6328/MAX6346/MAX6347/
MAX6348 microprocessor (µP) supervisory circuits moni-
tor the power supplies in µP and digital systems. These
devices provide excellent circuit reliability and low cost
by eliminating external components and adjustments
when used with 2.5V, 3V, 3.3V, and 5V powered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at least
100ms after VCC has risen above the reset threshold.
The only difference between the devices is their output.
The MAX6326/MAX6346 (push-pull) and MAX6328/
MAX6348 (open-drain) have an active-low reset output.
The MAX6327/MAX6347 have an active-high push-pull
reset output. All of these parts are guaranteed to be in
the correct state for VCC down to 1V. The reset compara-
tor is designed to ignore fast transients on VCC. Reset
thresholds are factory-trimmable between 2.2V and
4.63V, in approximately 100mV increments. Twenty-one
standard versions are available. Contact the factory for
availability of nonstandard versions.
Ultra-low supply currents (1µA max for the MAX6326/
MAX6327/MAX6328) make these parts ideal for use in
portable equipment. All six devices are available in
space-saving SOT23 and SC70 packages.
Applications
Computers
Intelligent Instruments
Controllers
Automotive
Critical µP and µC
Portable/Battery-Powered
Power Monitoring
Equipment
Features
o Ultra-Low 1µA (max) Supply Current
(MAX6326/MAX6327/MAX6328)
o Precision Monitoring of 2.5V, 3V, 3.3V, and 5V
Power-Supply Voltages
o Reset Thresholds Available from 2.2V to 4.63V
o Fully Specified Over Temperature
o 100ms (min) Power-On Reset Pulse Width
o Low Cost
o Available in Three Versions: Push-Pull RESET,
Push-Pull RESET, and Open-Drain RESET
o Power-Supply Transient Immunity
o No External Components
o 3-Pin SC70/SOT23 Packages
o Pin Compatible with MAX803/MAX809/MAX810
3-Pin, Ultra-Low-Power SC70/SOT
µP Reset Circuits
________________________________________________________________ Maxim Integrated Products
1
1
2
3
VCC
(RESET) RESET
GND
( ) ARE FOR THE MAX6327/MAX6347.
MAX6326
MAX6327
MAX6328
MAX6346
MAX6347
MAX6348
SOT23-3/SC70-3
TOP VIEW
Pin Configuration
19-1294; Rev 3; 1/00
†The MAX6326/MAX6327/MAX6328/MAX6346/MAX6347/
MAX6348 are available in factory-set VCC reset thresholds from
2.2V to 4.63V, in approximately 0.1V increments. Choose the
desired reset-threshold suffix from Table 1 and insert it in the
blank spaces following “R.” There are 21 standard versions with
a required order increment of 2500 pieces. Sample stock is gen-
erally held on the standard versions only (see the Selector
Guide). Required order increment is 10,000 pieces for nonstan-
dard versions (Table 2). Contact factory for availability. All
devices available in tape-and-reel only.
Ordering Information
3 SC70-3
3 SC70-3
3 SC70-3
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX6348XR_ _-T
MAX6347XR_ _-T
MAX6346XR_ _-T
3 SC70-3
3 SC70-3
3 SC70-3
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX6328XR_ _-T
MAX6327XR_ _-T
MAX6326XR_ _-T
PART
3 SOT23-3
-40°C to +85°C
MAX6326UR_ _-T
3 SOT23-3
-40°C to +85°C
MAX6327UR_ _-T
3 SOT23-3
-40°C to +85°C
MAX6328UR_ _-T
3 SOT23-3
-40°C to +85°C
MAX6346UR_ _-T
3 SOT23-3
-40°C to +85°C
MAX6347UR_ _-T
3 SOT23-3
-40°C to +85°C
MAX6348UR_ _-T
Selector Guide appears at end of data sheet.


Similar Part No. - MAX6328UR34-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6328 MAXIM-MAX6328 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
logo
NXP Semiconductors
MAX6328 PHILIPS-MAX6328 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6328-22D PHILIPS-MAX6328-22D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6328-22W PHILIPS-MAX6328-22W Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6328-23D PHILIPS-MAX6328-23D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
More results

Similar Description - MAX6328UR34-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com