Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX902EPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX902EPD
Description  High-Speed, Low-Power Voltage Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX902EPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX902EPD Datasheet HTML 1Page - Maxim Integrated Products MAX902EPD Datasheet HTML 2Page - Maxim Integrated Products MAX902EPD Datasheet HTML 3Page - Maxim Integrated Products MAX902EPD Datasheet HTML 4Page - Maxim Integrated Products MAX902EPD Datasheet HTML 5Page - Maxim Integrated Products MAX902EPD Datasheet HTML 6Page - Maxim Integrated Products MAX902EPD Datasheet HTML 7Page - Maxim Integrated Products MAX902EPD Datasheet HTML 8Page - Maxim Integrated Products MAX902EPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
High-Speed, Low-Power Voltage Comparators
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, VDD = +5V, LE1–LE4 = logic high, TA = full operating temperature, unless otherwise noted.)
MAX900A/MAX901A/
MAX900B/MAX901B
MAX902
MAX903
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Positive Analog
Supply Current
ICC
(Note 7)
10
25
5
12
2.5
6
mA
Negative Analog
Supply Current
IEE
(Note 7)
7
20
3.5
10
2
5
mA
Digital Supply
Current
IDD
(Note 7)
4
10
2
5
1
2.5
mA
Power
Dissipation
PD
VCC = VDD =
+5V, VEE = 0
70
105
35
55
18
28
mW
TIMING CHARACTERISTICS
(VCC = +5V, VEE = -5V, VDD = +5V, LE1–LE4 = logic high, TA = full operating temperature, unless otherwise noted.)
MAX900A/MAX901A
MAX900B/MAX901B/
MAX902/MAX903
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input-to-Output High
Response Time
tpd+
VOD = 5mV,
CL = 15pF,
IO = 2mA
(Note 4)
10
15
10
15
ns
Input-to-Output Low
Response Time
tpd-
VOD = 5mV,
CL = 15pF,
IO = 2mA
(Note 4)
10
15
10
15
ns
Difference in Response
Time Between Outputs
∆tpd
(Notes 4, 5)
1
3
1
3
ns
Note 1: The input common-mode voltage and input signal voltages should not be allowed to go negative by more than 0.2V below
VEE. The upper-end of the common-mode voltage range is typically VCC - 2V, but either or both inputs can go to a maximum
of VCC + 0.2V without damage.
Note 2: Tested for +4.75V < VCC < +5.25V, and -5.25V < VEE < -4.75V with VDD = +5V, although permissible analog power-supply
range is +4.75V < VCC < +10.5V for single-supply operation with VEE grounded.
Note 3: Specification does not apply to MAX901.
Note 4: Guaranteed by design. Times are for 100mV step inputs (see Propagation Delay Characteristics in Figures 2 and 3).
Note 5: Maximum difference in propagation delay between any of the four comparators in the MAX900–MAX903.
Note 6: See Timing Diagram (Figure 2). Owing to the difficult and critical nature of switching measurements involving the latch,
these parameters cannot be tested in a production environment. Typical specifications listed are taken from measurements
using a high-speed test-jig.
Note 7: ICC tested for +4.75V < VCC < +10.5V with VEE grounded. IEE tested for -5.25V < VEE < -4.75V with VCC = +5V. IDD tested
for +4.75V < VDD < +5.25V with the worst-case condition of all four comparator outputs at logic low.


Similar Part No. - MAX902EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9020 MAXIM-MAX9020 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9020 MAXIM-MAX9020 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9020 MAXIM-MAX9020 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9020EKA MAXIM-MAX9020EKA Datasheet
78Kb / 6P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX9020EKA-T MAXIM-MAX9020EKA-T Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
More results

Similar Description - MAX902EPD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H Datasheet
431Kb / 7P
   High Temperature Low Power Quad Voltage Comparators
LM2901H STMICROELECTRONICS-LM2901H_08 Datasheet
344Kb / 9P
   High temperature low power quad voltage comparators
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com