Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0X1BCSF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD5V0X1BCSF
Description  Ultra low capacitance bidirectional ESD protection diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0X1BCSF Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD5V0X1BCSF_15 Datasheet HTML 1Page - NXP Semiconductors PESD5V0X1BCSF_15 Datasheet HTML 2Page - NXP Semiconductors PESD5V0X1BCSF_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0X1BCSF_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0X1BCSF_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0X1BCSF_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0X1BCSF_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0X1BCSF_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0X1BCSF_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NXP Semiconductors
PESD5V0X1BCSF
Ultra low capacitance bidirectional ESD protection diode
PESD5V0X1BCSF
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
16 June 2015
2 / 11
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PESD5V0X1BCSF
DSN0603-2
Leadless ultra small package; 2 terminals; body 0.6 x 0.3 x 0.3
mm
SOD962-2
7. Marking
Table 4.
Marking codes
Type number
Marking code
PESD5V0X1BCSF
P
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IPPM
rated peak pulse current
tp = 8/20 µs
[1]
-
7
A
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-40
125
°C
Tstg
storage temperature
-65
150
°C
ESD maximum ratings
IEC 61000-4-2; contact discharge
[2]
-
20
kV
VESD
electrostatic discharge voltage
IEC 61000-4-2; air discharge
[2]
-
20
kV
[1] According to IEC 61000-4-5 and IEC 61643-321.
[2] Device stressed with ten non-repetitive ESD pulses.


Similar Part No. - PESD5V0X1BCSF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0X1BCSF NEXPERIA-PESD5V0X1BCSF Datasheet
652Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
More results

Similar Description - PESD5V0X1BCSF_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
PESD5V0H1BSF PHILIPS-PESD5V0H1BSF_15 Datasheet
193Kb / 13P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
logo
Nexperia B.V. All right...
PESD7V0C1BSF NEXPERIA-PESD7V0C1BSF Datasheet
207Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0R1BSF PHILIPS-PESD5V0R1BSF_15 Datasheet
189Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD18VF1BSF PHILIPS-PESD18VF1BSF_15 Datasheet
187Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
20 May 2015
logo
Nexperia B.V. All right...
PESD24VF1BSF NEXPERIA-PESD24VF1BSF Datasheet
672Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD5V0U1BLD-Q NEXPERIA-PESD5V0U1BLD-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
13 July 2022
PESD24VF1BL-Q NEXPERIA-PESD24VF1BL-Q Datasheet
233Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
1 June 2022
PESD18VF1BLS-Q NEXPERIA-PESD18VF1BLS-Q Datasheet
210Kb / 11P
   Ultra-low capacitance bidirectional ESD protection diode
13 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com