Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9160 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9160
Description  LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9160 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9160 Datasheet HTML 1Page - Maxim Integrated Products MAX9160 Datasheet HTML 2Page - Maxim Integrated Products MAX9160 Datasheet HTML 3Page - Maxim Integrated Products MAX9160 Datasheet HTML 4Page - Maxim Integrated Products MAX9160 Datasheet HTML 5Page - Maxim Integrated Products MAX9160 Datasheet HTML 6Page - Maxim Integrated Products MAX9160 Datasheet HTML 7Page - Maxim Integrated Products MAX9160 Datasheet HTML 8Page - Maxim Integrated Products MAX9160 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX9160 125MHz, 14-port LVTTL/LVCMOS clock
driver repeats the selected LVDS or LVTTL/LVCMOS
input on two output banks. Each bank consists of seven
LVTTL/LVCMOS series terminated outputs and a bank
enable. The LVDS input has a fail-safe function. The
MAX9160 has a propagation delay that can be adjusted
using an external resistor to set the bias current for an
internal delay cell. The LVTTL/LVCMOS outputs feature
200ps maximum output-to-output skew and
±100ps maxi-
mum added peak-to-peak jitter.
The MAX9160 is designed to operate with a 3.3V sup-
ply voltage over the extended temperature range of
-40°C to +85°C. This device is available in 28-pin
exposed- and nonexposed-pad TSSOP and 32-lead
5mm x 5mm QFN packages.
Applications
Features
o LVDS or LVTTL/LVCMOS Input Selection
o LVDS Input Fail-Safe Sets Outputs High for Open,
Undriven Short, or Undriven Parallel Termination
o Two Output Banks with Separate Bank Enables
o Integrated Output Series Termination for 60Ω
Lines
o 200ps (max) Output-to-Output Skew
o ±100ps (max) Peak-to-Peak Added Output Jitter
o 42% to 58% Output Duty Cycle at 125MHz
o Guaranteed 125MHz Operating Frequency
o LVDS Input Is High Impedance with VCC = 0V
or Open (Hot Swappable)
o 28-Pin Exposed- and Nonexposed-Pad TSSOP
or 32-Lead QFN Packages
o -40°C to +85°C Operating Temperature
o 3.0V to 3.6V Supply Voltage
LVDS or LVTTL/LVCMOS Input to
14 LVTTL/LVCMOS Output Clock Driver
________________________________________________________________ Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OUTA4
OUTA3
GND
OUTA2
OUTA1
VCC
OUTB2
OUTA0
OUTB6
GND
OUTB5
OUTB4
VCC
OUTB3
OUTB1
OUTB0
ENB
RSET
GND
IN-
IN+
GND
VCC
SE_IN
SEL
ENA
OUTA6
OUTA5
TSSOP
TOP VIEW
MAX9160
Pin Configurations
Ordering Information
Function Table
19-2392; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Typical Application Circuit and Functional Diagram appear
at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX9160EUI
-40°C to +85°C
28 TSSOP
MAX9160AEUI
-40°C to +85°C
28 TSSOP-EP**
MAX9160EGJ*
-40°C to +85°C
32 QFN-EP
VID = VIN+ - VIN-
H = high logic level
L = low logic level
X = don’t care
EN_
SEL
SE_IN
VID
OUT_
HH
H
X
H
HH
L or
open
XL
H
L or
open
X
≥ +50mV
H
H
L or
open
X
≤ -50mV
L
H
L or
open
X
Open, undriven short, or
undriven parallel termination
H
L or
Open
X
XXL
Cellular Base Stations
Servers
Add/Drop Multiplexers
Digital Cross-Connects
DSLAMs
Networking Equipment
*Future product—contact factory for availability.
**Exposed pad.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX9160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
MAX9163ESA MAXIM-MAX9163ESA Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
MAX9164 MAXIM-MAX9164 Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
MAX9164ESD MAXIM-MAX9164ESD Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
MAX9164EUD MAXIM-MAX9164EUD Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
More results

Similar Description - MAX9160

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8L30110 IDT-8L30110 Datasheet
574Kb / 22P
   Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
ICS87001-01 IDT-ICS87001-01 Datasheet
717Kb / 12P
   LVCMOS/LVTTL CLOCK DIVIDER
logo
Renesas Technology Corp
ICS87001I-01 RENESAS-ICS87001I-01 Datasheet
579Kb / 15P
   LVCMOS/LVTTL Clock Divider
JANUARY 23, 2013
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
logo
Integrated Device Techn...
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
   VCXO-TO-LVCMOS/LVTTL OUTPUT
8101925 IDT-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
logo
Renesas Technology Corp
ICS87001-01 RENESAS-ICS87001-01 Datasheet
525Kb / 14P
   LVCMOS/LVTTL Clock Divider
JULY 2, 2013
IDT8L3010I RENESAS-IDT8L3010I Datasheet
656Kb / 20P
   Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
2019
logo
Integrated Device Techn...
8545-01 IDT-8545-01 Datasheet
220Kb / 13P
   LVCMOS/LVTTL-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com