Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5P2553 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NX5P2553
Description  Precision adjustable current-limited power switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2553 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NX5P2553_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 9Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 10Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 11Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 12Page - NXP Semiconductors NX5P2553_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
NX5P2553
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 6 July 2015
9 of 24
NXP Semiconductors
NX5P2553
Precision adjustable current-limited power switch
12.3 ON resistance graph
12.4 Current limit
[1]
Typical values are measured at Tj = 25 C.
RILIM = 20 k.
(1) NX5P2553GV
(2) NX5P2553GU
(3) NX5P2553GU6
Fig 7.
Typical ON resistance versus junction temperature
Tj (°C)
-50
150
110
30
70
-10
aaa-011074
160
RON
(mΩ)
0
40
80
120
(3)
(2)
(1)
Table 10.
Characteristics
VI(VIN) = VI(EN) and RFAULT = 10 kunless otherwise specified; voltages are referenced to GND (ground = 0 V); see Figure 8,
Figure 11, Figure 23 and Figure 24.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Iocp
overcurrent
protection current
VI(VIN) = 2.5 V to 5.5 V
RILIM = 15 k; Tj = 40 C to +105 C
1650
1780
1900
mA
RILIM = 20 k; Tj = 25 C
1230
1320
1430
mA
RILIM = 20 k; Tj = 40 C to +125 C
1215
1320
1450
mA
RILIM = 49.9 k; Tj = 25 C
480
530
560
mA
RILIM = 49.9 k; Tj = 40 C to +125 C
465
530
575
mA
RILIM = 210 k; Tj = 40 C to +125 C
95
140
180
mA
ILIM shorted to VIN; Tj = 40 C to +125 C50
85
115
mA


Similar Part No. - NX5P2553_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P2090 NXP-NX5P2090 Datasheet
644Kb / 20P
   Logic controlled high-side power switch
Rev. 2.1 ??15 January 2015
NX5P2090UK NXP-NX5P2090UK Datasheet
644Kb / 20P
   Logic controlled high-side power switch
Rev. 2.1 ??15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
   Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX5P2190 NXP-NX5P2190 Datasheet
628Kb / 20P
   Logic controlled high-side power switch
Rev. 1.1 ??15 January 2015
NX5P2190UK NXP-NX5P2190UK Datasheet
628Kb / 20P
   Logic controlled high-side power switch
Rev. 1.1 ??15 January 2015
More results

Similar Description - NX5P2553_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
   Precision Adjustable Current -Limited Power Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com