Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX903CPA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX903CPA
Description  High-Speed, Low-Power Voltage Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX903CPA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX903CPA Datasheet HTML 4Page - Maxim Integrated Products MAX903CPA Datasheet HTML 5Page - Maxim Integrated Products MAX903CPA Datasheet HTML 6Page - Maxim Integrated Products MAX903CPA Datasheet HTML 7Page - Maxim Integrated Products MAX903CPA Datasheet HTML 8Page - Maxim Integrated Products MAX903CPA Datasheet HTML 9Page - Maxim Integrated Products MAX903CPA Datasheet HTML 10Page - Maxim Integrated Products MAX903CPA Datasheet HTML 11Page - Maxim Integrated Products MAX903CPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
High-Speed, Low-Power Voltage Comparators
8
_______________________________________________________________________________________
Applications Information
Circuit Layout
Because of the large gain-bandwidth transfer function of
the MAX900–MAX903, special precautions must be
taken to realize their full high-speed capability. A printed
circuit board with a good, low-inductance ground plane
is mandatory. All decoupling capacitors (the small
100nF ceramic type is a good choice) should be mount-
ed as close as possible to the power-supply pins.
Separate decoupling capacitors for analog VCC and for
digital VDD are also recommended. Close attention
should be paid to the bandwidth of the decoupling and
terminating components. Short lead lengths on the
inputs and outputs are essential to avoid unwanted par-
asitic feedback around the comparators. Solder the
device directly to the printed circuit board instead of
using a socket.
Input Slew-Rate Requirements
As with all high-speed comparators, the high gain-band-
width product of the MAX900–MAX903 can create oscil-
lation problems when the input traverses the linear
region. For clean output switching without oscillation or
steps in the output waveform, the input must meet mini-
mum slew-rate requirements. Oscillation is largely a
function of board layout and of coupled source imped-
ance and stray input capacitance. Both poor layout and
large-source impedance will cause the part to oscillate
and increase the minimum slew-rate requirement. In
some applications, it may be helpful to apply some posi-
tive feedback between the output and + input. This
pushes the output through the transition region cleanly,
but applies a hysteresis in threshold seen at the input
terminals.
TTL Output and Latch Inputs
The comparator TTL-output stages are optimized for dri-
ving low-power Schottky TTL with a fan-out of four.
When the latch is connected to a logic high level or left
floating, the comparator is transparent and immediately
responds to changes at the input terminals. When the
latch is connected to a TTL low level, the comparator
output latches in the same state as at the instant that the
latch command is applied, and will not respond to sub-
sequent changes at the input. No latch is provided on
the MAX901.
Power Supplies
The MAX900–MAX903 can be powered from separate
analog and digital supplies or from a single +5V supply.
The analog supply can range from +5V to +10V with
VEE grounded for single-supply operation (Figures 1A
and 1B) or from a split ±5V supply (Figure 1C). The VDD
digital supply always requires +5V.
In high-speed, mixed-signal applications where a com-
mon ground is shared, a noisy digital environment can
adversely affect the analog input signal. When set up
with
separate
supplies
(Figure
1C),
the
MAX900–MAX903 isolate analog and digital signals by
providing a separate AGND (VEE) and DGND.
+10V
+5V
VCC
VEE
VDD
OUT
GND
+5V
VCC
VEE
VDD
OUT
GND
+5V
-5V
+5V
VCC
VEE
VDD
OUT
GND
Figure 1A. Separate Analog Supply,
Common Ground
Figure 1B. Single +5V Supply, Common
Ground
Figure 1C. Split ±5V Supply, Separate
Ground
Typical Power-Supply Alternatives


Similar Part No. - MAX903CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9030 MAXIM-MAX9030 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030 Datasheet
220Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9030-MAX9034 MAXIM-MAX9030-MAX9034 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9030AUT+T MAXIM-MAX9030AUT+T Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
More results

Similar Description - MAX903CPA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H Datasheet
431Kb / 7P
   High Temperature Low Power Quad Voltage Comparators
LM2901H STMICROELECTRONICS-LM2901H_08 Datasheet
344Kb / 9P
   High temperature low power quad voltage comparators
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com