Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5P2090 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NX5P2090
Description  Logic controlled high-side power switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5P2090 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NX5P2090_15 Datasheet HTML 4Page - NXP Semiconductors NX5P2090_15 Datasheet HTML 5Page - NXP Semiconductors NX5P2090_15 Datasheet HTML 6Page - NXP Semiconductors NX5P2090_15 Datasheet HTML 7Page - NXP Semiconductors NX5P2090_15 Datasheet HTML 8Page - NXP Semiconductors NX5P2090_15 Datasheet HTML 9Page - NXP Semiconductors NX5P2090_15 Datasheet HTML 10Page - NXP Semiconductors NX5P2090_15 Datasheet HTML 11Page - NXP Semiconductors NX5P2090_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NX5P2090
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 15 January 2015
8 of 20
NXP Semiconductors
NX5P2090
Logic controlled high-side power switch
[1]
The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed.
[2]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[3]
The (absolute) maximum power dissipation depends on the junction temperature Tj. Higher power dissipation is allowed in conjunction
with lower ambient temperatures. The conditions to determine the specified values are Tamb = 85 °C and the use of a two layer PCB.
11. Recommended operating conditions
12. Thermal characteristics
[1]
The overall Rth(j-a) can vary depending on the board layout. To minimize the effective Rth(j-a), all pins must have a solid connection to
larger Cu layer areas e.g. to the power and ground layer. In multi-layer PCB applications, the second layer should be used to create a
large heat spreader area right below the device. If this layer is either ground or power, it should be connected with several vias to the top
layer connecting to the device ground or supply. Avoid using solder-stop varnish under the device.
Ptot
total power dissipation
[3] -
400
mW
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
VINT
3.0
5.5
V
EN, ILIM
0
VINT
V
VO
output voltage
VBUS; EN = LOW
0
30
V
Tamb
ambient temperature
40
+85
C
Table 8.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 82
K/W


Similar Part No. - NX5P2090_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P2090UK NXP-NX5P2090UK Datasheet
644Kb / 20P
   Logic controlled high-side power switch
Rev. 2.1 ??15 January 2015
More results

Similar Description - NX5P2090_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
   Logic controlled high-side power switch
Rev. 1-7 July 2015
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
   Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
   Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
   Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 2-4 November 2011
NX3P2902B PHILIPS-NX3P2902B_15 Datasheet
417Kb / 15P
   Logic controlled high-side power switch
Rev. 1-29 April 2013
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
   Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX3P2902B NXP-NX3P2902B Datasheet
460Kb / 15P
   Logic controlled high-side power switch
Rev.2-22 February2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com