Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9163ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9163ESA
Description  Bus LVDS 3.3V Single Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9163ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9163ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9163ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9163ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9163ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9163ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9163ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9163ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9163ESA Datasheet HTML 9Page - Maxim Integrated Products MAX9163ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Bus LVDS 3.3V Single Transceiver
6
_______________________________________________________________________________________
DRIVER DIFFERENTIAL SKEW
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
0.18
0.19
0.20
0.21
0.22
0.23
0.17
3.0
3.6
DRIVER DIFFERENTIAL SKEW
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
-40
85
DRIVER TRANSITION TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
0.2
0.4
0.6
0.8
1.0
1.2
0
3.0
3.6
tTLHD
tTHLD
DRIVER SINGLE-ENDED OUTPUT
SHORT-CIRCUIT CURRENT vs. SUPPLY VOLTAG
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
8.99
9.01
9.03
9.05
9.07
9.09
8.97
3.0
3.6
TO GND
TO VCC
DIN = HIGH OR LOW
DRIVER SUPPLY CURRENT
vs. FREQUENCY
FREQUENCY (MHz)
175
150
125
100
75
50
25
15
18
21
24
27
30
12
0
200
DE = HIGH
RE = HIGH
SUPPLY CURRENT (ICC)
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
13.18
13.20
13.22
13.24
13.26
13.28
13.30
13.32
13.34
13.16
-40
85
DE = HIGH
RE = LOW
DC CURRENT
DRIVER SUPPLY CURRENT (ICCD)
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
13.1
13.2
13.3
13.4
13.5
13.6
13.0
3.0
3.6
DE = HIGH
RE = HIGH
DC CURRENT
DRIVER DIFFERENTIAL PROPAGATION
DELAY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.1
3.2
3.3
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
2.00
3.0
3.6
tPLHD
tPHLD
DRIVER DIFFERENTIAL
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
2.2
-40
85
tPHLD
tPLHD
Typical Operating Characteristics (continued)
(VCC = 3.3V, FREQ = 100MHz, VID = 0.2V, VCM = 1.2V, RL = 27
Ω ±1%, CL = 10pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9163ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9160 MAXIM-MAX9160 Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160AEUI MAXIM-MAX9160AEUI Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160EUI MAXIM-MAX9160EUI Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9164 MAXIM-MAX9164 Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
MAX9164ESD MAXIM-MAX9164ESD Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
More results

Similar Description - MAX9163ESA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
   Single Bus LVDS Transceiver
logo
National Semiconductor ...
DS92LV010A NSC-DS92LV010A_07 Datasheet
307Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010A NSC-DS92LV010A Datasheet
141Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Texas Instruments
DS92LV010A TI1-DS92LV010A_13 Datasheet
884Kb / 17P
[Old version datasheet]   Bus LVDS 3.3/5.0V Single Transceiver
logo
National Semiconductor ...
DS92LV010AEP NSC-DS92LV010AEP Datasheet
371Kb / 12P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com