Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3751MR2D-SB Datasheet(PDF) 2 Page - HB Electronic Components

Part # 3751MR2D-SB
Description  Single color
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

3751MR2D-SB Datasheet(HTML) 2 Page - HB Electronic Components

  3751MR2D-SB Datasheet HTML 1Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 2Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 3Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 4Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 5Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:3751MR2D-SB
www.ledz.com
2/6
LED SPECIFICATION
Absolute maximum ratings/极限参数(Ta = 25℃)
Values 数值
Parameter
参数
Symbol
符号
Test Condition
测试条件
Min.
Max.
Unit
单位
Reverse Voltage
反向电压
VR
IR = 30μA
5
--
V
Forward Current
正向工作电流
IF
----
----
30
mA
Power Dissipation
损耗功率
Pd
----
----
100
mW
Pulse Current
正向峰值电流
Ipeak
Duty=0.1mS,1kHz
----
100
mA
Operating Temperature
工作温度范围
Topr
----
-30
+85
Storage
Temperature
储存温度范围
Tstr
----
-40
+100
Electrical and optical characteristics/光电参数(Ta = 25℃)
Values 数值
Parameter
参数
Symbol
符号
Test Condition
测试条件
Min.
Typ.
Max.
Unit
单位
Forward Voltage
正向电压
VF
IF = 20mA
----
2.0
2.4
V
Reverse Current
反向电流
IR
VR = 5V
----
----
30
μA
Dominate Wavelength
主波长
λd
IF = 20mA
----
624
----
nm
Peak Wavelength
峰值波长
λp
IF=20mA
----
632
----
nm
Spectral Line half-width
半波长宽度
Δλ
IF = 20mA
----
20
----
nm
Luminous Intensity
发光强度
IV
IF = 20mA
----
400
----
mcd
Viewing Angle
指向角度
1/2
IF = 20mA
----
90/45
----
Deg.
Luminous Intensity Bins/亮度等级分档(Ta = 25℃)
Unit:mcd
Bin
P
Q
Min
280
390
Max
390
550
Dominate Wavelength Bins/波长等级分档(Ta = 25℃)
Unit:nm
Bin
R1
R2
R3
R4
Min
618
621
624
627
Max
621
624
627
630
Forward Current Bins/电压等级分档(Ta = 25℃)
Unit:V
Bin
V2
V3
V4
Min
1.8
2.0
2.2
Max
2.0
2.2
2.4


Similar Part No. - 3751MR2D-SB

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
3751MR2D HB-3751MR2D Datasheet
330Kb / 3P
   LED
More results

Similar Description - 3751MR2D-SB

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530PWC HB-530PWC Datasheet
1Mb / 11P
   Single color
530XR2C HB-530XR2C Datasheet
67Kb / 3P
   Single color
7511PG2D-SB HB-7511PG2D-SB Datasheet
133Kb / 6P
   Single color
105XR2D HB-105XR2D Datasheet
207Kb / 3P
   Single color
515XWO4C HB-515XWO4C Datasheet
516Kb / 3P
   Single color
825MR2C HB-825MR2C Datasheet
386Kb / 6P
   Single color
825MY8C HB-825MY8C Datasheet
357Kb / 6P
   Single color
3751PG2D-SB HB-3751PG2D-SB Datasheet
133Kb / 6P
   Single color
05W580EW6C HB-05W580EW6C Datasheet
1Mb / 8P
   Single color
LED-530LB5C HB-LED-530LB5C Datasheet
157Kb / 9P
   Single color
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com