Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9169ESE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9169ESE
Description  4-Port LVDS and LVTTL-to-LVDS Repeaters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9169ESE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9169ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9169ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9169ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9169ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9169ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9169ESE Datasheet HTML 8Page - Maxim Integrated Products MAX9169ESE Datasheet HTML 9Page - Maxim Integrated Products MAX9169ESE Datasheet HTML 10Page - Maxim Integrated Products MAX9169ESE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Detailed Description
LVDS is a signaling method for point-to-point and
multidrop data communication over a controlled-imped-
ance medium as defined by the ANSI TIA/EIA-644 and
IEEE 1596.3 standards. LVDS uses a lower voltage swing
than other common standards, achieving higher data
rates with reduced power consumption, while reducing
EMI emissions and system susceptibility to noise.
The MAX9169/MAX9170 are 630Mbps, four-port
repeaters for high-speed, low-power applications. The
MAX9169 accepts an LVDS input and has a fail-safe
input circuit. The MAX9170 features a +5V tolerant sin-
gle-ended LVTTL/LVCMOS input. Both devices repeat
the input at four LVDS outputs. The MAX9169 detects
differential signals as low as 50mV and as high as 1.2V
over a |VID|/2 to 2.4V - |VID|/2 common-mode range.
The MAX9170’s +5V tolerant LVTTL/LVCMOS input
includes circuitry to hold the decision threshold con-
stant at +1.5V over temperature and supply voltage.
The MAX9169/MAX9170 outputs use a current-steering
configuration to generate a 2.5mA to 4.5mA output cur-
rent. This current-steering approach induces less ground
bounce and shoot-through current, enhancing noise
margin and system speed performance. The outputs are
short-circuit current limited and are high impedance
when disabled or when the device is not powered.
The MAX9169/MAX9170 current-steering output requires
a resistive load to terminate the signal and complete the
transmission loop. Because the devices switch the direc-
tion of current flow and not voltage levels, the output volt-
age swing is determined by the value of the termination
resistor multiplied by the output current. With a typical
3.5mA output current, the MAX9169/MAX9170 produce
a 350mV output voltage when driving a transmission line
terminated with a 100
Ω resistor (3.5mA 100Ω =
350mV). Logic states are determined by the direction of
current flow through the termination resistor.
Fail-Safe Circuitry
The fail-safe feature of the MAX9169 sets the outputs
high when the differential input is:
• Open
• Undriven and shorted
• Undriven and terminated
Without a fail-safe circuit, when the input is undriven,
noise at the input may switch the outputs and it may
appear to the system that data is being sent. Open or
undriven terminated input conditions can occur when a
cable is disconnected or cut, or when an LVDS driver
output is in high impedance. A shorted input can occur
because of cable failure.
When the input is driven with signals meeting the LVDS
standard, the input common-mode voltage is less than
VCC - 0.3V and the fail-safe circuit is not activated
(Figure 1). If the input is open, undriven and shorted, or
undriven and parallel terminated, an internal resistor in
the fail-safe circuit pulls both the inputs above VCC -
0.3V, activating the fail-safe circuit and forcing the out-
puts high.
Applications Information
Supply Bypassing
Bypass VCC with high-frequency surface-mount ceram-
ic 0.1µF and 0.001µF capacitors in parallel as close to
the device as possible, with the smaller value capacitor
closest to the VCC pin. Use multiple parallel vias to min-
imize parasitic inductance.
Traces, Cables, and Connectors
The characteristics of differential input and output con-
nections affect the performance of the MAX9169/
MAX9170. Use controlled-impedance traces, cables,
and connectors with matched characteristic impedance.
Ensure that noise couples as common mode by run-
ning the traces of a differential pair close together.
Reduce within-pair skew by matching the electrical
length of the traces of a differential pair. Excessive
skew can result in a degradation of magnetic field can-
cellation. Maintain a constant distance between traces
of a differential pair to avoid discontinuities in differen-
4-Port LVDS and LVTTL-to-LVDS Repeaters
_______________________________________________________________________________________
7
MAX9169
VCC
RIN2
RIN1/2
RIN1/2
VCC - 0.3V
COMPARATOR
IN+
IN-
RECEIVER
OUT1+
OUT1-
OUT4+
OUT4-
Figure 1. MAX9169 Input Fail-Safe Circuit


Similar Part No. - MAX9169ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9160 MAXIM-MAX9160 Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160AEUI MAXIM-MAX9160AEUI Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160EUI MAXIM-MAX9160EUI Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
MAX9163ESA MAXIM-MAX9163ESA Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
More results

Similar Description - MAX9169ESE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com