Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E12LY9C-O Datasheet(PDF) 1 Page - HB Electronic Components

Part # E12LY9C-O
Description  Low voltage DC operated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

E12LY9C-O Datasheet(HTML) 1 Page - HB Electronic Components

  E12LY9C-O Datasheet HTML 1Page - HB Electronic Components E12LY9C-O Datasheet HTML 2Page - HB Electronic Components E12LY9C-O Datasheet HTML 3Page - HB Electronic Components E12LY9C-O Datasheet HTML 4Page - HB Electronic Components E12LY9C-O Datasheet HTML 5Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED SPECIFICATION
Part No.:
Features:
High est Flux
High reliability and Very long operating life
(up to 100K hrs)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
NO UV
Superior ESD protection
RoHS Compliant
Typical Applications:
Reading lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Automotive Exterior (Stop-Tail-Turn,
CHMSL, Mirror Side Repeat)
Decorative
NOTE:
All dimensions are millimeters.
Tolerance is ±0.1mm unless noted
A node(+)
Cath ODE(-)
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
10%
20%
30% 40%
50% 60%
70% 80%
90% 100%
0
00
10
20
30
40
10
20
30
40
Radiation Angle
DIRECTIVITY
Ta=25°C
IF=350m A
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
1/5
E12LY9C-O


Similar Part No. - E12LY9C-O

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12LY9C HB-E12LY9C Datasheet
307Kb / 3P
   EMITTER
More results

Similar Description - E12LY9C-O

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12LG2C-O HB-E12LG2C-O Datasheet
532Kb / 5P
   Low voltage DC operated
logo
Omron Electronics LLC
J7KNA OMRON-J7KNA Datasheet
174Kb / 10P
   AC & DC operated
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com