Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3544G-D08-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3544G-D08-T
Description  HEADPHONE AMPLIFIER FOR CD-ROMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3544G-D08-T Datasheet(HTML) 5 Page - Unisonic Technologies

  3544G-D08-T Datasheet HTML 1Page - Unisonic Technologies 3544G-D08-T Datasheet HTML 2Page - Unisonic Technologies 3544G-D08-T Datasheet HTML 3Page - Unisonic Technologies 3544G-D08-T Datasheet HTML 4Page - Unisonic Technologies 3544G-D08-T Datasheet HTML 5Page - Unisonic Technologies 3544G-D08-T Datasheet HTML 6Page - Unisonic Technologies 3544G-D08-T Datasheet HTML 7Page - Unisonic Technologies 3544G-D08-T Datasheet HTML 8Page - Unisonic Technologies 3544G-D08-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3544
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R107-040.D
MEASUREMENT CIRCUIT
8
7
65
12
34
BIAS
90K
90K
6dB
6dB
TSD
MUTE
+
+
OUT1
MUTE
IN1
GND
Vcc
OUT2
BIAS
IN2
V
V
SW5
VIN2
1
2
47μ +
330μ
+
SW7
1
2
32
16
V2AC
+
10μ
A
SW8B
IQ
12
SW8A
VRR
Vcc
330μ
+
SW1
1
2
32
16
V1AC
VTM
SW3
VIN1
1
2
MEASUREMENT CONDITIONS
SW TABLE
SIGNAL
SW1
SW3
SW5
SW7
SW8A
SW8B
MONITOR
CONDITIONS
IQ
1
1
1
1
2
OFF
IQ
VTM
GVC
1
2
2
1
2
ON
V1AC,V2AC
f=1kHz,VIN1/2=-6dBV,
VTM=1.6V
Gvc
GVC1 – GVC2
THD
1
2
2
1
2
ON
V1AC,V2AC
fin=1kHz,VIN1/2= -6dBV,
VTM=1.6V
Po1
1
2
2
1
2
ON
V1AC,V2AC
fin=1kHz,VIN1/2= -6dBV,
VTM=1.6V
Po2
2
2
2
2
2
ON
V1AC,V2AC
fin=1kHz,VIN1/2= -6dBV,
VTM=1.6V
VNO
1
1
1
1
2
ON
V1AC,V2AC
CS
1
1
1
2
2
1
1
1
2
2
ON
ON
V1AC,V2AC
V1AC,V2AC
fin=1kHz,VIN2= -6dBV,
VTM=1.6V
fin=1kHz,VIN1= -6dBV,
VTM=1.6V
ATT
1
2
2
1
2
ON
V1AC,V2AC
fin=1kHz,VIN1/2= -6dBV,
VTM=0.3VB
RR
1
1
1
1
1
ON
V1AC,V2AC
VRR= -20dBV, fRR=100Hz


Similar Part No. - 3544G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3544G-D08-T UTC-3544G-D08-T Datasheet
338Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
More results

Similar Description - 3544G-D08-T

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3541F ROHM-BH3541F Datasheet
122Kb / 8P
   Headphone amplifier for CD-ROMs
logo
Unisonic Technologies
3544 UTC-3544_09 Datasheet
338Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544 Datasheet
92Kb / 9P
   HEADPHONE AMPLIFIER FOR CD-ROMS
logo
New Japan Radio
NJM2768BM NJRC-NJM2768BM Datasheet
320Kb / 8P
   HEADPHONE AMPLIFIER for CD-ROM
NJM2769B NJRC-NJM2769B Datasheet
308Kb / 7P
   HEADPHONE AMPLIFIER for CD-ROM
logo
Rohm
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
   Motor driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
   3-Phase Motor Driver for CD-ROMs
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
   2-channel Bridge Driver for CD and CD-ROMs
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com