Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4880 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM4880
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880 Datasheet(HTML) 5 Page - Unisonic Technologies

  LM4880_15 Datasheet HTML 1Page - Unisonic Technologies LM4880_15 Datasheet HTML 2Page - Unisonic Technologies LM4880_15 Datasheet HTML 3Page - Unisonic Technologies LM4880_15 Datasheet HTML 4Page - Unisonic Technologies LM4880_15 Datasheet HTML 5Page - Unisonic Technologies LM4880_15 Datasheet HTML 6Page - Unisonic Technologies LM4880_15 Datasheet HTML 7Page - Unisonic Technologies LM4880_15 Datasheet HTML 8Page - Unisonic Technologies LM4880_15 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-033. E
AUTOMATIC SHUTDOWN CIRCUIT
+
HEADPHONE JACK
+
20kΩ
0.33µF
VDD
VDD
100µF
TO CHANNEL B
OUTPUT(PIN 7)
VIA COUPLING
CAPACITOR
Fig. 2 Automatic Shutdown Circuit
RP
1MΩ
1kΩ
RO
AUDIO
INPUT
+
-
20kΩ
+
3
2
4
5
1
8
0.1µF
100kΩ
RSD
UTC
LM4880
1µF
AUTOMATIC SWITCHING CIRCUIT
+
+
VDD
100μF
+
-
1
8
7
2
3
6
5
+
Fig. 3 Automatic Switching Circuit
0.33µF
20kΩ
+
RL
VDD
0.1μF
20kΩ
RP
1MΩ
1kΩ
RO
HEADPHONE JACK
TO UTC LM4880
CHANNEL B OUTPUT
(PIN 7) VIA COUPLING
CAPACITOR
20kΩ
PA4871
4
AUDIO
INPUT
1µF
0.33µF
+
-
20kΩ
+
3
2
4
5
1
8
0.1µF
100kΩ
RSD
UTC
LM4880
1µF
VDD


Similar Part No. - LM4880_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - LM4880_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
List of Unclassifed Man...
HWD2182 ETC1-HWD2182 Datasheet
597Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4882 NSC-LM4882 Datasheet
445Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880 Datasheet
151Kb / 10P
   DUAL 250m W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com