Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX931CPA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX931CPA
Description  Ultra Low-Power, Low-Cost Comparators with 2eference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX931CPA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX931CPA Datasheet HTML 6Page - Maxim Integrated Products MAX931CPA Datasheet HTML 7Page - Maxim Integrated Products MAX931CPA Datasheet HTML 8Page - Maxim Integrated Products MAX931CPA Datasheet HTML 9Page - Maxim Integrated Products MAX931CPA Datasheet HTML 10Page - Maxim Integrated Products MAX931CPA Datasheet HTML 11Page - Maxim Integrated Products MAX931CPA Datasheet HTML 12Page - Maxim Integrated Products MAX931CPA Datasheet HTML 13Page - Maxim Integrated Products MAX931CPA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
maximum difference between REF and HYST (50mV)
will therefore produce a 100mV max hysteresis band.
Use the following equations to determine R1 and R2:
Where IREF (the current sourced by the reference)
should not exceed the REF source capability, and
should be significantly larger than the HYST input
current. IREF values between 0.1µA and 4µA are
usually appropriate. If 2.4M
Ω is chosen for
R2 (IREF = 0.5µA), the equation for R1 and VHB can be
approximated as:
When hysteresis is obtained in this manner for
the MAX932/MAX933, the same hysteresis applies to
both comparators.
Hysteresis (MAX934)
Hysteresis can be set with two resistors using positive
feedback, as shown in Figure 4. This circuit generally
draws more current than the circuits using the HYST
pin on the MAX931/MAX932/MAX933, and the high
feedback impedance slows hysteresis. The design
procedure is as follows:
1. Choose R3. The leakage current of IN+ is under 1nA
(up to +85°C), so the current through R3 can be
around 100nA and still maintain good accuracy.
The current through R3 at the trip point is VREF/R3,
or 100nA for R3 = 11.8M
Ω. 10MΩ is a good
practical value.
2. Choose the hysteresis voltage (VHB), the voltage
between the upper and lower thresholds. In this
example, choose VHB = 50mV.
3. Calculate R1.
4. Choose the threshold voltage for VIN rising (VTHR). In
this example, choose VTHR = 3V.
5. Calculate R2.
A 1% preferred value is 64.9k
Ω.
6. Verify the threshold voltages with these formulas:
V
rising :
V
V
R1
1
R1
1
R2
1
R3
V
falling :
V
V
R1
V
R3
IN
THR
REF
IN
THF
THR
×
+
+


=−
×+
()
R2 =
V
(V
1
R1
1
R3
3
(1.182
100k)
1
100k
1
10M
65.44k
THR
REF
R1)
1
1
×
 −−
=
×


−−
=
R1 = R3
V
V
10M
0.05
5
100k
HB
×
+
=Ω
R1 (k ) = V
(mV)
HB
R1 =
V
2
I
R2 =
1.182 –
V
2
I
HB
REF
HB
REF
×
()


Ultra Low-Power, Low-Cost
Comparators with 2% Reference
10
______________________________________________________________________________________
GND
V-
V+
MAX934
OUT
R3
R1
R2
VREF
VIN
V+
Figure 4. External Hysteresis
7
2
5
6
HYST
REF
V-
V+
R1
R2
MAX931
MAX932
MAX933
2.5V TO 11V
IREF
Figure 3. Programming the HYST Pin


Similar Part No. - MAX931CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9310AEUP MAXIM-MAX9310AEUP Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311ECJ MAXIM-MAX9311ECJ Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311EGJ MAXIM-MAX9311EGJ Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
More results

Similar Description - MAX931CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
   Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9075 MAXIM-MAX9075 Datasheet
108Kb / 8P
   Low-Cost, Ultra-Small, 3關A Single-Supply Comparators
Rev 0; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com