Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV2622L-S08-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LV2622L-S08-T
Description  LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV2622L-S08-T Datasheet(HTML) 1 Page - Unisonic Technologies

  LV2622L-S08-T Datasheet HTML 1Page - Unisonic Technologies LV2622L-S08-T Datasheet HTML 2Page - Unisonic Technologies LV2622L-S08-T Datasheet HTML 3Page - Unisonic Technologies LV2622L-S08-T Datasheet HTML 4Page - Unisonic Technologies LV2622L-S08-T Datasheet HTML 5Page - Unisonic Technologies LV2622L-S08-T Datasheet HTML 6Page - Unisonic Technologies LV2622L-S08-T Datasheet HTML 7Page - Unisonic Technologies LV2622L-S08-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LV2622
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R102-045.a
250μA, 3MHZ, LOW VOLTAGE
RAIL-TO-RAIL I/O CMOS DUAL
OP AMPS
DESCRIPTION
The UTC LV2622 is low noise, low voltage and low power dual
operational amplifiers that can be designed into a wide range of
applications. With a 3MHz unity-gain frequency and a guaranteed
1.7V/μs slew rate, the quiescent current is only 250μA/amplifier
(5.0V).
The UTC LV2622 provides rail-to-rail output swing into heavy
loads. The input common-mode voltage range includes ground and
the maximum input offset voltage is 3mV. It is specified over the
extended industrial temperature range (−40°C~+125°C). The
operating range is 2.5V~5.5V. The UTC LV2622 provides optimal
performance in low voltage and low noise systems.
FEATURES
* Low Cost
* Rail-to-Rail Output Swing
* Input Rail: - 0.1V~+5.6V with VS=5.5V
* Typical VOS: 0.7mV
* Gain-Bandwidth Product: 3MHz
* High Slew Rate: 1.7V/µs
* Settling Time to 0.1% with 2V Step: 2.1µs
* Overload Recovery Time: 1µs
* Low Noise Voltage: 12nV/ Hz
* Operates on 2.5V~5.5V Supplies
* Low Power: 250µA/Amplifier Typical Supply Current
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LV2622L-S08-R
LV2622G-S08-R
SOP-8
Tape Reel
LV2622L-S08-T
LV2622G-S08-T
SOP-8
Tube
LV2622L-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8
(3) G: Halogen Free, L: Lead Free
(4)Lead Free


Similar Part No. - LV2622L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV2622L-S08-T UTC-LV2622L-S08-T Datasheet
215Kb / 8P
   250關A, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
More results

Similar Description - LV2622L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV2622 UTC-LV2622_17 Datasheet
214Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
ULV8542 UTC-ULV8542 Datasheet
204Kb / 5P
   RAIL-TO-RAIL I/O CMOS DUAL AMPS
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Unisonic Technologies
LV2622 UTC-LV2622 Datasheet
215Kb / 8P
   250關A, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
Maxim Integrated Produc...
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
MAX9636 MAXIM-MAX9636 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10
MAX9636 MAXIM-MAX9636_V01 Datasheet
845Kb / 12P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
MAX9613 MAXIM-MAX9613 Datasheet
1Mb / 12P
   Low-Power, High-Efficiency, Single/Dual, Rail-to-Rail I/O Op Amps
Rev 0; 8/10
logo
Maxwell Technologies
6484RPFK MAXWELL-6484RPFK Datasheet
81Kb / 7P
   CMOS Quad Rail-to-Rail I/O Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com