Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34072G-D08-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC34072G-D08-T
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072G-D08-T Datasheet(HTML) 1 Page - Unisonic Technologies

  MC34072G-D08-T Datasheet HTML 1Page - Unisonic Technologies MC34072G-D08-T Datasheet HTML 2Page - Unisonic Technologies MC34072G-D08-T Datasheet HTML 3Page - Unisonic Technologies MC34072G-D08-T Datasheet HTML 4Page - Unisonic Technologies MC34072G-D08-T Datasheet HTML 5Page - Unisonic Technologies MC34072G-D08-T Datasheet HTML 6Page - Unisonic Technologies MC34072G-D08-T Datasheet HTML 7Page - Unisonic Technologies MC34072G-D08-T Datasheet HTML 8Page - Unisonic Technologies MC34072G-D08-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC34072
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 11
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R105-007.F
HIGH SLEW RATE, WIDE
BANDWIDTH , SINGLE
SUPPLY OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC MC34072 offer 4.5MHz of gain bandwidth product,
13V/
s slew rate and fast setting time without the use of JFET
device technology. Although it can be operated from split supplies,
it is particularly suited for single supply operation, since the
common mode input voltage range includes ground potential (VEE).
With A Darlington input stage, it exhibits high input resistance, low
input offset voltage and high gain. The all NPN output stage,
characterized by no deadband crossover distortion and large
output voltage swing, provides high capacitance drive capability,
excellent phase and gain margins, low open loop high frequency
output impedance and symmetrical source/sink AC frequency
response.
FEATURES
* Wide bandwidth: 4.5 MHz
* High slew rate: 13V/μs
* Fast settling time:1.1μs to 0.1%
* Wide single supply operation: 3.0V to 44V
* Wide input common mode voltage range:
Includes ground (VEE)
* Low input offset voltage: 3.0mV maximum
* Large output voltage swing: -14.7V to +14V
(with +-15V supplies)
* Large capacitance drive Capability: 0pF to 10,000 pF
* Low total harmonic distortion: 0.02%
* Excellent phase margin: 60
* Excellent gain margin: 12dB
* Output short circuit protection
DIP-8
SOP-8
TSSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free Plating
Halogen Free
MC34072L-D08-T
MC34072G-D08-T
DIP-8
Tube
MC34072L-S08-R
MC34072G-S08-R
SOP-8
Tape Reel
MC34072L-P08-R
MC34072G-P08-R
TSSOP-8
Tape Reel


Similar Part No. - MC34072G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34072G-D08-T UTC-MC34072G-D08-T Datasheet
438Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072G-D08-T UTC-MC34072G-D08-T Datasheet
491Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results

Similar Description - MC34072G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_18 Datasheet
491Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_11 Datasheet
518Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_09 Datasheet
520Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_09 Datasheet
438Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_18 Datasheet
478Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_05 Datasheet
282Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_15 Datasheet
518Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com