Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9600 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9600
Description  Dual ECL and Dual/Quad PECL, 500ps, Ultra-High-Speed Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9600 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9600 Datasheet HTML 4Page - Maxim Integrated Products MAX9600 Datasheet HTML 5Page - Maxim Integrated Products MAX9600 Datasheet HTML 6Page - Maxim Integrated Products MAX9600 Datasheet HTML 7Page - Maxim Integrated Products MAX9600 Datasheet HTML 8Page - Maxim Integrated Products MAX9600 Datasheet HTML 9Page - Maxim Integrated Products MAX9600 Datasheet HTML 10Page - Maxim Integrated Products MAX9600 Datasheet HTML 11Page - Maxim Integrated Products MAX9600 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Dual ECL and Dual/Quad PECL, 500ps,
Ultra-High-Speed Comparators
8
_______________________________________________________________________________________
Pin Descriptions
PIN
MAX9600
MAX9601
NAME
FUNCTION
1
1
QA
Channel A Output
22
QA
Channel A Complementary Output
3
GND
Channel A Output Ground
3VCCOA
Channel A Output Driver Positive Supply
4
4
LEA
Channel A Latch-Enable Input
55
LEA
Channel A Latch-Enable Complementary Input
6, 15
6, 15
VEE
Negative Supply Voltage
7, 14
7, 14
VCC
Positive Supply Voltage
8
8
HYSA
Channel A Hysteresis Input
9
9
INA-
Channel A Minus Input
10
10
INA+
Channel A Plus Input
11
11
INB+
Channel B Plus Input
12
12
INB-
Channel B Minus Input
13
13
HYSB
Channel B Hysteresis Input
16
16
LEB
Channel B Latch-Enable Complementary Input
17
17
LEB
Channel B Latch-Enable Input
18
GND
Channel B Output Ground
18
VCCOB
Channel B Output Driver Positive Supply
19
19
QB
Channel B Complementary Output
20
20
QB
Channel B Output
MAX9600/MAX9601
tLPW
VLD
LE_
LATCH
20%
20%
80%
80%
LATCH
VLR (MAX)
VLR (MIN)
COMPARE
IN_-
IN_+
tLPD
tFW(MIN)
tLH
tLS
VLE + VLE
2
VOH + VOL
2
VID
VOH – VOL
VCM
LE_
Q_
Q_
tPD-
tPD+
tR
tF
Figure 1. MAX9600/MAX9601/MAX9602 Timing Diagram
Timing Diagram


Similar Part No. - MAX9600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9601 MAXIM-MAX9601 Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
MAX9601EVKIT++ MAXIM-MAX9601EVKIT+ Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
More results

Similar Description - MAX9600

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP561 AD-ADCMP561 Datasheet
335Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP561 AD-ADCMP561_15 Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP562 AD-ADCMP562_15 Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP562BRQZ AD-ADCMP562BRQZ Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP563 AD-ADCMP563_15 Datasheet
221Kb / 16P
   Dual, High Speed ECL Comparators
REV. C
ADCMP564 AD-ADCMP564_15 Datasheet
221Kb / 16P
   Dual, High Speed ECL Comparators
REV. C
ADCMP563 AD-ADCMP563_05 Datasheet
279Kb / 16P
   Dual, High Speed ECL Comparators
REV. B
ADCMP563 AD-ADCMP563 Datasheet
326Kb / 16P
   Dual High Speed ECL Comparators
REV. A
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com