Electronic Components Datasheet Search |
|
MAX6383XS27D1-T Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
MAX6383XS27D1-T Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 11 page General Description The MAX6381–MAX6390 microprocessor (µP) supervisory circuits monitor power supply voltages from +1.8V to +5.0V while consuming only 3µA of supply current at +1.8V. Whenever VCC falls below the factory-set reset thresholds, the reset output asserts and remains assert- ed for a minimum reset timeout period after VCC rises above the reset threshold. Reset thresholds are available from +1.58V to +4.63V, in approximately 100mV incre- ments. Seven minimum reset timeout delays ranging from 1ms to 1200ms are available. The MAX6381/MAX6384/MAX6387 have a push-pull active-low reset output. The MAX6382/MAX6385/ MAX6388 have a push-pull active-high reset output, and the MAX6383/MAX6386/MAX6389/MAX6390 have an open-drain active-low reset output. The MAX6384/MAX6385/MAX6386 also feature a debounced manual reset input (with internal pullup resistor). The MAX6387/MAX6388/MAX6389 have an auxiliary input for monitoring a second voltage. The MAX6390 offers a manual reset input with a longer VCC reset timeout period (1120ms or 1200ms) and a shorter manual reset timeout (140ms or 150ms). The MAX6381/MAX6382/MAX6383 are available in 3-pin SC70 packages and the MAX6384–MAX6390 are avail- able in 4-pin SC70 packages. ________________________Applications Computers Controllers Intelligent Instruments Critical µP and µC Power Monitoring Portable/Battery-Powered Equipment Dual Voltage Systems Features o Factory-Set Reset Threshold Voltages Ranging from +1.58V to +4.63V in Approximately 100mV Increments o ±2.5% Reset Threshold Accuracy Over Temperature (-40°C to +125°C) o Seven Reset Timeout Periods Available: 1ms, 20ms, 140ms, 280ms, 560ms, 1120ms, 1200ms (min) o 3 Reset Output Options Active-Low Push-Pull Active-High Push-Pull Active-Low Open-Drain o Reset Output State Guaranteed Valid Down to VCC = 1V o Manual Reset Input (MAX6384/MAX6385/MAX6386) o Auxiliary RESET IN (MAX6387/MAX6388/MAX6389) o VCC Reset Timeout (1120ms or 1200ms)/Manual Reset Timeout (140ms or 150ms) (MAX6390) o Negative-Going VCC Transient Immunity o Low Power Consumption of 6µA at +3.6V and 3µA at +1.8V o Pin Compatible with MAX809/MAX810/MAX803/MAX6326/MAX6327/ MAX6328/MAX6346/MAX6347/MAX6348, and MAX6711/MAX6712/MAX6713 o Tiny 3-Pin SC70 and 4-Pin SC70 Packages SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits ________________________________________________________________ Maxim Integrated Products 1 RESET (RESET) 1 3 VCC GND MAX6381 MAX6382 MAX6383 TOP VIEW 2 SC70 ( ) IS FOR MAX6382 PART TEMP. RANGE PIN-PACKAGE MAX6381XR_ _D_-T -40 °C to +125°C 3 SC70-3 MAX6382XR_ _D_-T -40 °C to +125°C 3 SC70-3 MAX6383XR_ _D_-T -40 °C to +125°C 3 SC70-3 Pin Configurations 19-1839; Rev 1; 04/01 Ordering Information Pin Configurations continued at end of data sheet. Ordering Information continued at end of data sheet. Typical Operating Circuit appears at end of data sheet. Selector Guide appears at end of data sheet. Note: Insert reset threshold suffix (see Reset Threshold table) after "XR" or "XS". Insert reset timeout delay (see Reset Timeout Delay table) after "D" to complete the part number. Sample stock is generally held on standard versions only (see Standard Versions table). Standard versions have an order increment requirement of 2500 pieces. Nonstandard versions have an order increment requirement of 10,000 pieces. Contact factory for availability of nonstandard versions. *MAX6390 is available with D4 or D7 timing only. For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. |
Similar Part No. - MAX6383XS27D1-T |
|
Similar Description - MAX6383XS27D1-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |