Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX932ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX932ESA
Description  Ultra Low-Power, Low-Cost Comparators with 2eference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX932ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX932ESA Datasheet HTML 3Page - Maxim Integrated Products MAX932ESA Datasheet HTML 4Page - Maxim Integrated Products MAX932ESA Datasheet HTML 5Page - Maxim Integrated Products MAX932ESA Datasheet HTML 6Page - Maxim Integrated Products MAX932ESA Datasheet HTML 7Page - Maxim Integrated Products MAX932ESA Datasheet HTML 8Page - Maxim Integrated Products MAX932ESA Datasheet HTML 9Page - Maxim Integrated Products MAX932ESA Datasheet HTML 10Page - Maxim Integrated Products MAX932ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ultra Low-Power, Low-Cost
Comparators with 2% Reference
_______________________________________________________________________________________
7
____________________________________________________________Pin Descriptions
PIN
5
MAX931
MAX932
MAX933
NAME
FUNCTION
4
INB+
Noninverting input of comparator B
5
5
HYST
Hysteresis input. Connect to REF if not used. Input voltage range is from
VREF to VREF - 50mV.
6
6
6
REF
Reference output. 1.182V with respect to V-.
7
7
7
V+
Positive supply
8
OUT
Comparator output. Sinks and sources current. Swings from V+ to GND.
8
8
OUTB
Comparator B output. Sinks and sources current. Swings from V+ to V-.
MAX934
NAME
FUNCTION
1
OUTB
Comparator B output. Sinks and sources current. Swings from V+ to GND.
2
OUTA
Comparator A output. Sinks and sources current. Swings from V+ to GND.
3
V+
Positive supply
4
INA-
Inverting input of comparator A
5
INA+
Noninverting input of comparator A
6
INB-
Inverting input of comparator B
7
INB+
Noninverting input of comparator B
8
REF
Reference output. 1.182V with respect to V-.
9
V-
Negative supply. Connect to ground for single-supply operation.
10
INC-
Inverting input of comparator C
11
INC+
Noninverting input of comparator C
12
IND-
Inverting input of comparator D
13
IND+
Noninverting input of comparator D
14
GND
Ground. Connect to V- for single-supply operation.
15
OUTD
Comparator D output. Sinks and sources current. Swings from V+ to GND.
16
OUTC
Comparator C output. Sinks and sources current. Swings from V+ to GND.
4
INB-
Inverting input of comparator B
1
GND
1
1
OUTA
Comparator A output. Sinks and sources current. Swings from V+ to V-.
2
2
2
V-
Negative supply. Connect to ground for single-supply operation (MAX931).
3
3
INA+
Noninverting input of comparator A
3
IN+
Noninverting comparator input
4
IN-
Inverting comparator input
Ground. Connect to V- for single-supply operation. Output swings from V+ to GND.
PIN


Similar Part No. - MAX932ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9320 MAXIM-MAX9320 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320A MAXIM-MAX9320A Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9320A MAXIM-MAX9320A Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320AEKA MAXIM-MAX9320AEKA Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
More results

Similar Description - MAX932ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
   Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9075 MAXIM-MAX9075 Datasheet
108Kb / 8P
   Low-Cost, Ultra-Small, 3關A Single-Supply Comparators
Rev 0; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com