Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9602EUG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9602EUG
Description  Dual ECL and Dual/Quad PECL, 500ps, Ultra-High-Speed Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9602EUG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9602EUG Datasheet HTML 4Page - Maxim Integrated Products MAX9602EUG Datasheet HTML 5Page - Maxim Integrated Products MAX9602EUG Datasheet HTML 6Page - Maxim Integrated Products MAX9602EUG Datasheet HTML 7Page - Maxim Integrated Products MAX9602EUG Datasheet HTML 8Page - Maxim Integrated Products MAX9602EUG Datasheet HTML 9Page - Maxim Integrated Products MAX9602EUG Datasheet HTML 10Page - Maxim Integrated Products MAX9602EUG Datasheet HTML 11Page - Maxim Integrated Products MAX9602EUG Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Dual ECL and Dual/Quad PECL, 500ps,
Ultra-High-Speed Comparators
______________________________________________________________________________________
11
Timing Information (MAX9600/MAX9601)
The timing diagram (Figure 1) illustrates the operation
of a comparator with latch enable. The top line of the
diagram illustrates a latch-enable pulse. Initially, the
latch-enable input (LE, LE_) is differentially high, which
places the comparator in latch mode. When the input
signal (IN_+, IN_-) switches from low to high, the output
(Q_, Q_) remains latched to the previous low state.
When the latch-enable input goes differentially low,
starting the compare function, the output responds to
the input and transitions to high after a time (tLPD). The
leading edges of the subsequent input signal switch
the comparator after time interval tPD+ or tPD- (depend-
ing on the direction of the input transitions) until a high
latch-enable pulse places the device in latch mode
again. The input signal must occur at minimum time
(tLS) before the latch rising edge, and must maintain its
state for at least tLH after the rising edge. A minimum
latch-pulse width (tLPW) of 250ps (typ) is needed for
proper latch operation.
ECL/PCL
The MAX9600/MAX9601/MAX9602 outputs are emitter
followers that require external resistive connections to a
voltage source (VT) more negative than the lowest VOL
for proper static and dynamic operation. When properly
terminated, the outputs provide appropriate levels, VOL
or VOH, for ECL (MAX9600) or PECL (MAX9601/
MAX9602). Output-current polarity always sinks into the
termination scheme during proper operation.
ECL-output signal levels are referenced to GND, and
PECL-output signals are referenced to VCCO_.
Chip Information
MAX9600 TRANSISTOR COUNT: 558
MAX9601 TRANSISTOR COUNT: 600
MAX9602 TRANSISTOR COUNT: 608
PROCESS: Bipolar
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
QB
QB
VCCOB
LEB
LEA
VCCOA
QA
QA
LEB
VEE
VCC
HYSB
HYSA
VCC
VEE
LEA
12
11
9
10
INB-
INB+
INA+
INA-
MAX9601
TSSOP-20
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
VCCOA
QA
QA
VCCOB
INB+
VEE
INA-
INA+
QB
QB
VCCOC
QC
INC-
INC+
VCC
INB-
16
15
14
13
9
10
11
12
QC
VCCOD
QD
QD
VCC
IND-
IND+
VEE
TSSOP-24
MAX9602
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
QB
QB
GND
LEB
LEA
GND
QA
QA
TOP VIEW
LEB
VEE
VCC
HYSB
HYSA
VCC
VEE
LEA
12
11
9
10
INB-
INB+
INA+
INA-
MAX9600
TSSOP-20
Pin Configurations


Similar Part No. - MAX9602EUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9601 MAXIM-MAX9601 Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
MAX9601EVKIT++ MAXIM-MAX9601EVKIT+ Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
More results

Similar Description - MAX9602EUG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP561 AD-ADCMP561 Datasheet
335Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP561 AD-ADCMP561_15 Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP562 AD-ADCMP562_15 Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP562BRQZ AD-ADCMP562BRQZ Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP563 AD-ADCMP563_15 Datasheet
221Kb / 16P
   Dual, High Speed ECL Comparators
REV. C
ADCMP564 AD-ADCMP564_15 Datasheet
221Kb / 16P
   Dual, High Speed ECL Comparators
REV. C
ADCMP563 AD-ADCMP563_05 Datasheet
279Kb / 16P
   Dual, High Speed ECL Comparators
REV. B
ADCMP563 AD-ADCMP563 Datasheet
326Kb / 16P
   Dual High Speed ECL Comparators
REV. A
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com