Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX961EUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX961EUA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX961EUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX961EUA Datasheet HTML 4Page - Maxim Integrated Products MAX961EUA Datasheet HTML 5Page - Maxim Integrated Products MAX961EUA Datasheet HTML 6Page - Maxim Integrated Products MAX961EUA Datasheet HTML 7Page - Maxim Integrated Products MAX961EUA Datasheet HTML 8Page - Maxim Integrated Products MAX961EUA Datasheet HTML 9Page - Maxim Integrated Products MAX961EUA Datasheet HTML 10Page - Maxim Integrated Products MAX961EUA Datasheet HTML 11Page - Maxim Integrated Products MAX961EUA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
10
______________________________________________________________________________________
SO/µMAX
QB
INB+
GND
INB-
1
2
8
7
VCC
QA
INA-
INA+
MAX962
3
4
6
5
SO/µMAX
Q
IN+
N.C.
GND
1
2
8
7
VCC
SHDN
IN-
N.C.
MAX997
3
4
6
5
SO
SO/QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
INA-
N.C.
QA
QB
VCC
GND
QC
QD
SHDN
MAX964
INA+
INB-
INC+
INB+
INC-
IND-
IND+
14
13
12
11
10
9
8
1
2
3
4
5
6
7
QA
QA
VCC
GND
GND
LEA
INA+
INA-
MAX963
QB
QB
SHDN
INB+
INB-
LEB
Q
SHDN
GND
LE
1
2
8
7
VCC
Q
IN-
IN+
MAX961
SO/µMAX
3
4
6
5
___________________________________________________________Pin Configurations
TOP VIEW
___________________Chip Information
MAX961/MAX962 TRANSISTOR COUNT: 286
MAX963/MAX964 TRANSISTOR COUNT: 607
MAX997/MAX999 TRANSISTOR COUNT: 142


Similar Part No. - MAX961EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961EUA-T MAXIM-MAX961EUA-T Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX961EUA-T MAXIM-MAX961EUA-T Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
More results

Similar Description - MAX961EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
logo
3PEAK INC.
TP1961 3PEAK-TP1961 Datasheet
1Mb / 18P
   7ns, 1/2/4, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com