Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9685CTW Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9685CTW
Description  Ultra-Fast ECL-Output Comparator with Latch Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9685CTW Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX9685CTW Datasheet HTML 1Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 2Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 3Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 4Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 5Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 6Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 7Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ultra-Fast ECL-Output Comparator
with Latch Enable
_______________________________________________________________________________________
7
___________________________________________Package Information (continued)
C
0°-15°
A
D
B1
B
DIM
A
B
B1
C
E
E1
e
L
L1
Q
S
S1
MIN
0.014
0.038
0.008
0.220
0.290
0.125
0.150
0.015
0.005
MAX
0.200
0.023
0.065
0.015
0.310
0.320
0.200
0.070
0.098
MIN
0.36
0.97
0.20
5.59
7.37
3.18
3.81
0.38
0.13
MAX
5.08
0.58
1.65
0.38
7.87
8.13
5.08
1.78
2.49
2.54
0.100
Q
L
S1
e
CERDIP
CERAMIC DUAL-IN-LINE
PACKAGE
(0.300 in.)
S
L1
E
E1
PINS
8
14
16
18
20
24
DIM
D
D
D
D
D
D
MIN
MAX
0.405
0.785
0.840
0.960
1.060
1.280
MIN
MAX
10.29
19.94
21.34
24.38
26.92
32.51
INCHES
MILLIMETERS
INCHES
MILLIMETERS
21-0045A
φD1
DIM
A
φb
φb1
φD
φD1
φD2
e
e1
F
k
k1
L
L1
L2
Q
α
β
MIN
0.165
0.016
0.016
0.335
0.305
0.110
0.027
0.027
0.500
0.250
0.010
MAX
0.185
0.019
0.021
0.375
0.335
0.160
0.040
0.034
0.045
0.750
0.050
0.045
MIN
4.19
0.41
0.41
8.51
7.75
2.79
0.69
0.69
12.70
6.35
0.25
MAX
4.70
0.48
0.53
9.40
8.51
4.06
1.02
0.86
1.14
19.05
1.27
1.14
INCHES
MILLIMETERS
21-0023A
10-PIN
TO-100 METAL CAN
PACKAGE
5.84 BSC
0.230 BSC
φD
A
L1
e
L
β
α
e1
φD2
k
k1
F
Q
φb1
φb
BASE &
SEATING
PLANE
L2
2.92 BSC
0.115 BSC
36
° BSC
36
° BSC
36
° BSC
36
° BSC


Similar Part No. - MAX9685CTW

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX968 MAXIM-MAX968 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
MAX9680 MAXIM-MAX9680 Datasheet
889Kb / 4P
   Fully Assembled and Tested
Rev 0; 9/09
MAX9680AXT MAXIM-MAX9680AXT Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
More results

Similar Description - MAX9685CTW

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
logo
Maxim Integrated Produc...
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
logo
SG Micro Corp
SGM8703 SGMICRO-SGM8703 Datasheet
337Kb / 15P
   Push-Pull Output Comparator with Latch Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com