Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX942EPA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX942EPA
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX942EPA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX942EPA Datasheet HTML 4Page - Maxim Integrated Products MAX942EPA Datasheet HTML 5Page - Maxim Integrated Products MAX942EPA Datasheet HTML 6Page - Maxim Integrated Products MAX942EPA Datasheet HTML 7Page - Maxim Integrated Products MAX942EPA Datasheet HTML 8Page - Maxim Integrated Products MAX942EPA Datasheet HTML 9Page - Maxim Integrated Products MAX942EPA Datasheet HTML 10Page - Maxim Integrated Products MAX942EPA Datasheet HTML 11Page - Maxim Integrated Products MAX942EPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Output Stage Circuitry
The MAX941/MAX942/MAX944 contain a current-driven
output stage as shown in Figure 4. During an output
transition, ISOURCE or ISINK is pushed or pulled to the
output pin. The output source or sink current is high
during the transition, creating a rapid slew rate. Once
the output voltage reaches VOH or VOL, the source or
sink current decreases to a small value, capable of
maintaining the VOH or VOL static condition. This signifi-
cant decrease in current conserves power after an out-
put transition has occurred.
One consequence of a current-driven output stage is a
linear dependence between the slew rate and the load
capacitance. A heavy capacitive load will slow down a
voltage output transition. This can be useful in noise-
sensitive applications where fast edges may cause
interference.
__________Applications Information
Circuit Layout and Bypassing
The high gain bandwidth of the MAX941/MAX942/
MAX944 requires design precautions to realize the
comparators’ full high-speed capability. The recom-
mended precautions are:
1) Use a printed circuit board with a good, unbro-
ken, low-inductance ground plane.
2) Place a decoupling capacitor (a 0.1µF ceramic
capacitor is a good choice) as close to V+ as
possible.
3) Pay close attention to the decoupling capacitor’s
bandwidth, keeping leads short.
4) On the inputs and outputs, keep lead lengths
short to avoid unwanted parasitic feedback
around the comparators.
5) Solder the device directly to the printed circuit
board instead of using a socket.
High-Speed, Low-Power, 3V/5V,
Rail-to-Rail Single-Supply Comparators
8
_______________________________________________________________________________________
VOH
tLPW
OUT
tLPD
tPD
V+
0V
V+
0V
V+
2
V+
2
VOL
LATCH
DIFFERENTIAL
INPUT
VOLTAGE
VOS
tH
tS
Figure 2. MAX941 Timing Diagram with Latch Operator


Similar Part No. - MAX942EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX942EPA MAXIM-MAX942EPA Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX942EPA MAXIM-MAX942EPA Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
More results

Similar Description - MAX942EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com