Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX924MJE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX924MJE
Description  Ultra Low-Power, Single/Dual-Supply Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX924MJE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX924MJE Datasheet HTML 2Page - Maxim Integrated Products MAX924MJE Datasheet HTML 3Page - Maxim Integrated Products MAX924MJE Datasheet HTML 4Page - Maxim Integrated Products MAX924MJE Datasheet HTML 5Page - Maxim Integrated Products MAX924MJE Datasheet HTML 6Page - Maxim Integrated Products MAX924MJE Datasheet HTML 7Page - Maxim Integrated Products MAX924MJE Datasheet HTML 8Page - Maxim Integrated Products MAX924MJE Datasheet HTML 9Page - Maxim Integrated Products MAX924MJE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(V+ = 5V, V- = GND, TA = +25°C, unless otherwise noted).
-2
2
10
18
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
0
4
RESPONSE TIME (
µs)
614
2
0
5
100
3
1
50mV
100mV
20mV
10mV
-2
2
10
18
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
0
4
RESPONSE TIME (
µs)
614
2
0
5
100
3
1
50mV
100mV
20mV
10mV
10
0.01
1.0
2.0
2.5
MAX924 RESPONSE TIME
AT LOW SUPPLY VOLTAGES
0.1
1
SINGLE-SUPPLY VOLTAGE (V)
1.5
±20mV OVERDRIVE
±100mV
OVERDRIVE
100
0.1
1.0
2.0
2.5
MAX924 RESPONSE TIME
AT LOW SUPPLY VOLTAGES
1
10
SINGLE-SUPPLY VOLTAGE (V)
1.5
SINK CURRENT AT VOUT = 0.4V
SOURCE CURRENT INTO 0.75V LOAD
200
0
0
1.0
3.0
5.0
SHORT-CIRCUIT SOURCE CURRENT
vs. SUPPLY VOLTAGE
40
160
TOTAL SUPPLY VOLTAGE (V)
2.0
4.0
120
80
20
60
180
140
100
OUT CONNECTED TO V-
20
0
010
SHORT-CIRCUIT SINK CURRENT
vs. SUPPLY VOLTAGE
TOTAL SUPPLY VOLTAGE (V)
5
10
OUT CONNECTED TO V+
GND CONNECTED TO V-
PIN
MAX921
MAX922
MAX923
NAME
FUNCTION
1
GND
Ground. Connect to V- for single-supply operation. Output swings from V+ to GND.
1
OUTA
Comparator A output. Sinks and sources current. Swings from V+ to V-.
2
2
2
V-
Negative supply. Connect to ground for single-supply operation (MAX921).
1
3
IN+
Noninverting comparator input
3
3
INA+
Noninverting input of comparator A
4
IN-
Inverting comparator input
____________________________________________________________Pin Descriptions
4
INA-
Inverting input of comparator A


Similar Part No. - MAX924MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX924MJE MAXIM-MAX924MJE Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results

Similar Description - MAX924MJE

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com