Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX953EPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX953EPA
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX953EPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX953EPA Datasheet HTML 1Page - Maxim Integrated Products MAX953EPA Datasheet HTML 2Page - Maxim Integrated Products MAX953EPA Datasheet HTML 3Page - Maxim Integrated Products MAX953EPA Datasheet HTML 4Page - Maxim Integrated Products MAX953EPA Datasheet HTML 5Page - Maxim Integrated Products MAX953EPA Datasheet HTML 6Page - Maxim Integrated Products MAX953EPA Datasheet HTML 7Page - Maxim Integrated Products MAX953EPA Datasheet HTML 8Page - Maxim Integrated Products MAX953EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX951–MAX954 feature combinations of a
micropower operational amplifier, comparator, and ref-
erence in an 8-pin package. In the MAX951 and
MAX952, the comparator’s inverting input is connected
to an internal 1.2V ±2% bandgap reference. The
MAX953 and MAX954 are offered without an internal
reference. The MAX951/MAX952 operate from a single
+2.7V to +7V supply with a typical supply current of
7µA, while the MAX953/MAX954 operate from +2.4V to
+7V with a 5µA typical supply current. Both the op amp
and comparator feature a common-mode input voltage
range that extends from the negative supply rail to with-
in 1.6V of the positive rail, as well as output stages that
swing rail to rail.
The op amps in the MAX951/MAX953 are internally
compensated to be unity-gain stable, while the op
amps in the MAX952/MAX954 feature 125kHz typical
bandwidth, 66V/ms slew rate, and stability for gains of
10V/V or greater. These op amps have a unique output
stage that enables them to operate with an ultra-low
supply current while maintaining linearity under loaded
conditions. In addition, they have been designed to
exhibit good DC characteristics over their entire operat-
ing temperature range, minimizing input referred errors.
The comparator output stage of these devices continu-
ously sources as much as 40mA. The comparators
eliminate power-supply glitches that commonly occur
when changing logic states, minimizing parasitic feed-
back and making the devices easier to use. In addition,
they contain ±3mV internal hysteresis to ensure clean
output switching, even with slow-moving input signals.
____________________________Features
o Op Amp + Comparator + Reference in an 8-Pin
µMAX Package (MAX951/MAX952)
o 7µA Typical Supply Current
(Op Amp + Comparator + Reference)
o Comparator and Op-Amp Input Range Includes
Ground
o Outputs Swing Rail to Rail
o +2.4V to +7V Supply Voltage Range
o Unity-Gain Stable and 125kHz Decompensated
AV
≥ 10V/V Op-Amp Options
o Internal 1.2V ±2% Bandgap Reference
o Internal Comparator Hysteresis
o Op Amp Capable of Driving up to 1000pF Load
________________________Applications
Instruments, Terminals, and Bar-Code Readers
Battery-Powered Systems
Automotive Keyless Entry
Low-Frequency, Local-Area Alarms/Detectors
Photodiode Preamps
Smart Cards
Infrared Receivers for Remote Controls
Smoke Detectors and Safety Sensors
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
( ) ARE FOR MAX953/MAX954
1
2
3
4
8
7
6
5
VDD
COMPOUT
REF (COMPIN-)
COMPIN+
VSS
AMPIN+
AMPIN-
AMPOUT
MAX951
MAX952
MAX953
MAX954
DIP/SO/µMAX
__________________Pin Configuration
19-0431; Rev 1; 7/97
Typical Operating Circuit and Ordering Information
appear at end of data sheet.
PART
INTERNAL
2%
PRECISION
REFERENCE
OP-AMP
GAIN
STABILITY
(V/V)
COMPARATOR
SUPPLY
CURRENT
(µA)
MAX951
Yes
1
Yes
7
MAX952
Yes
10
Yes
7
MAX953
No
1
Yes
5
MAX954
No
10
Yes
5
____________________Selection Table
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX953EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX953 MAXIM-MAX953 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
MAX9532 MAXIM-MAX9532 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
MAX9532 MAXIM-MAX9532 Datasheet
90Kb / 4P
   Fully Assembled and Tested
Rev 0; 3/09
MAX9532AUB++ MAXIM-MAX9532AUB+ Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
More results

Similar Description - MAX953EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com