Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD3042 Datasheet(PDF) 4 Page - Solid State Optronic

Part # TD3042
Description  Zero-Volt Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3042 Datasheet(HTML) 4 Page - Solid State Optronic

  TD3042 Datasheet HTML 1Page - Solid State Optronic TD3042 Datasheet HTML 2Page - Solid State Optronic TD3042 Datasheet HTML 3Page - Solid State Optronic TD3042 Datasheet HTML 4Page - Solid State Optronic TD3042 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MECHANICAL DIMENSIONS
© 2009 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 5
TD30
42
rev 1.41 (
06/01/2009)
6 PIN DUAL IN-LINE PACKAGE (Through Hole)
6 PIN SURFACE MOUNT DEVICE (SMD)
TOLERANCE :+ 0.25mm
Unit in (mm)
-H Suffix
0.4" Lead Spacing
TD30
42
Zero-Volt Switching
Triac Driver


Similar Part No. - TD3042

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3041 SSOUSA-TD3041 Datasheet
436Kb / 9P
   Zero Volt Switching
TD3043 SSOUSA-TD3043 Datasheet
336Kb / 4P
   Zero-Volt Switching Triac Driver
More results

Similar Description - TD3042

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3081 SSOUSA-TD3081 Datasheet
436Kb / 9P
   Zero Volt Switching
TD3062 SSOUSA-TD3062 Datasheet
448Kb / 9P
   Zero-Volt Switching
TD3041 SSOUSA-TD3041 Datasheet
436Kb / 9P
   Zero Volt Switching
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
   Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
   Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
   Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
   Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
   Zero-Volt Cross Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com