Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3020CEP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG3020CEP
Description  2 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3020CEP Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG3020CEP_15 Datasheet HTML 1Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 2Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PMEG3020CEP_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 30 December 2008
5 of 13
NXP Semiconductors
PMEG3020CEP
2 A low VF MEGA Schottky barrier rectifier
7.
Characteristics
Ceramic PCB, Al2O3, standard footprint
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab298
10
1
102
103
Zth(j-a)
(K/W)
10−1
tp (s)
10−3
102
103
10
1
10−2
10−1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 0.1 A
-
230
260
mV
IF = 1 A
-
320
360
mV
IF = 1.5 A
-
340
380
mV
IF = 2 A
-
365
420
mV
IR
reverse current
VR = 5 V
-
55
-
µA
VR = 30 V
-
0.6
1.5
mA
Cd
diode capacitance
f=1MHz
VR = 1 V
-
170
-
pF
VR =10V
-
60
-
pF


Similar Part No. - PMEG3020CEP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020CEP-Q NEXPERIA-PMEG3020CEP-Q Datasheet
256Kb / 13P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
1 November 2021
More results

Similar Description - PMEG3020CEP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020EPA NXP-PMEG3020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 December 2009
PMEG3020BER NXP-PMEG3020BER Datasheet
99Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG4020EPA NXP-PMEG4020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 December 2009
PMEG6020EPA PHILIPS-PMEG6020EPA Datasheet
164Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2-17 June 2010
logo
Nexperia B.V. All right...
PMEG6020EPA NEXPERIA-PMEG6020EPA Datasheet
277Kb / 15P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 17 June 2010
logo
NXP Semiconductors
PMEG3020EP NXP-PMEG3020EP Datasheet
98Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 September 2009
PMEG4020ER NXP-PMEG4020ER Datasheet
101Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-22 October 2009
logo
Nexperia B.V. All right...
PMEG6020ER NEXPERIA-PMEG6020ER Datasheet
248Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
PMEG3020EPA NEXPERIA-PMEG3020EPA Datasheet
274Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 December 2009
PMEG4020EPA NEXPERIA-PMEG4020EPA Datasheet
275Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01 - 16 December 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com