Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3020CEP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMEG3020CEP
Description  2 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3020CEP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMEG3020CEP_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 9Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 10Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 11Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 12Page - NXP Semiconductors PMEG3020CEP_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PMEG3020CEP_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 30 December 2008
11 of 13
NXP Semiconductors
PMEG3020CEP
2 A low VF MEGA Schottky barrier rectifier
12. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PMEG3020CEP_1
20081230
Product data sheet
-
-


Similar Part No. - PMEG3020CEP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020CEP-Q NEXPERIA-PMEG3020CEP-Q Datasheet
256Kb / 13P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
1 November 2021
More results

Similar Description - PMEG3020CEP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020EPA NXP-PMEG3020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 December 2009
PMEG3020BER NXP-PMEG3020BER Datasheet
99Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG4020EPA NXP-PMEG4020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 December 2009
PMEG6020EPA PHILIPS-PMEG6020EPA Datasheet
164Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2-17 June 2010
logo
Nexperia B.V. All right...
PMEG6020EPA NEXPERIA-PMEG6020EPA Datasheet
277Kb / 15P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 17 June 2010
logo
NXP Semiconductors
PMEG3020EP NXP-PMEG3020EP Datasheet
98Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 September 2009
PMEG4020ER NXP-PMEG4020ER Datasheet
101Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-22 October 2009
logo
Nexperia B.V. All right...
PMEG6020ER NEXPERIA-PMEG6020ER Datasheet
248Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
PMEG3020EPA NEXPERIA-PMEG3020EPA Datasheet
274Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 December 2009
PMEG4020EPA NEXPERIA-PMEG4020EPA Datasheet
275Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01 - 16 December 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com