Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA1077A Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA1077A
Description  W-band Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA1077A Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA1077A_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA1077A_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA1077A_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA1077A_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA1077A_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA1077A_15 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W-band LNA
CHA1077a
Ref. DSCHA1077a8266 - 22 Oct 2008
5/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Assembly and Bias Configuration to increase the gain
Let’s tune the value of the external resistor R to control the biasing point of the first stage
and then getting a higher gain for the LNA (trade-off ability between the gain and the noise
factor).
Typical value of the external resistor R
R (k
Ω)
Description
0
Low-noise configuration
2
Maximum gain configuration
R
DC lines
+V
>= 120pF
L_in
µ- strip line
L_out
µ- strip line
7
8
9
6
5
4
1
0
2
-V
10991


Similar Part No. - CHA1077A_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA1077A UMS-CHA1077A Datasheet
508Kb / 8P
   W-band Low Noise Amplifier
More results

Similar Description - CHA1077A_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA1077A UMS-CHA1077A Datasheet
508Kb / 8P
   W-band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
   Ka Band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA1307-EPU TRIQUINT-TGA1307-EPU Datasheet
745Kb / 7P
   Ka Band Low Noise Amplifier
TGA2511 TRIQUINT-TGA2511 Datasheet
163Kb / 14P
   X-Band Low Noise Amplifier
TGA4507-EPU TRIQUINT-TGA4507-EPU Datasheet
200Kb / 9P
   Ka Band Low Noise Amplifier
TGA4508 TRIQUINT-TGA4508 Datasheet
183Kb / 10P
   Ka Band Low Noise Amplifier
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
TGA1307 TRIQUINT-TGA1307 Datasheet
736Kb / 7P
   Ka Band Low Noise Amplifier
TGA1319B TRIQUINT-TGA1319B Datasheet
405Kb / 3P
   Ka Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com