Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX953ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX953ESA
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX953ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX953ESA Datasheet HTML 1Page - Maxim Integrated Products MAX953ESA Datasheet HTML 2Page - Maxim Integrated Products MAX953ESA Datasheet HTML 3Page - Maxim Integrated Products MAX953ESA Datasheet HTML 4Page - Maxim Integrated Products MAX953ESA Datasheet HTML 5Page - Maxim Integrated Products MAX953ESA Datasheet HTML 6Page - Maxim Integrated Products MAX953ESA Datasheet HTML 7Page - Maxim Integrated Products MAX953ESA Datasheet HTML 8Page - Maxim Integrated Products MAX953ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TA = -10°C to +85°C
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 2.8V to 7V for MAX951/MAX952, VDD = 2.4V to 7V for MAX953/MAX954, VSS = 0V, VCM COMP = 0V for the MAX953/MAX954,
VCM OPAMP = 0V, AMPOUT = (VDD + VSS) / 2, COMPOUT = low, TA = TMIN to TMAX, typical values are at TA = +25°C, unless
otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS) ....................................................9V
Inputs
Current (AMPIN_, COMPIN_)..........................................20mA
Voltage (AMPIN_, COMPIN_).......(VDD + 0.3V) to (VSS - 0.3V)
Outputs
Current (AMPOUT, COMPOUT)......................................50mA
Current (REF) ..................................................................20mA
Voltage (AMPOUT,
COMPOUT, REF) ..............(VDD + 0.3V) to (VSS - 0.3V)
Short-Circuit Duration (REF, AMPOUT)..................Continuous
Short-Circuit Duration (COMPOUT, VDD to VSS ≤ 7V) ......1min
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.10mW/°C above +70°C) ....................330mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX95_E_A .....................................................-40°C to +85°C
MAX95_MJA ..................................................-55°C to +125°C
Maximum Junction Temperatures
MAX95_E_A .................................................................+150°C
MAX95_MJA.................................................................+175°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
VSS to (VDD - 1.6V), MAX953/MAX954
MAX95_M
TA = +25°C, MAX951/MAX952
MAX95_E
TA = +25°C
MAX95_MJA
MAX95_EPA/ESA
MAX95_EUA (µMAX)
TA = +25°C
MAX953M/MAX954M
MAX95_MJA
MAX95_EUA (µMAX)
MAX953E/MAX954E
MAX951E/MAX952E
MAX951M/MAX952M
MAX95_EPA/ESA
TA = +25°C, MAX953/MAX954
TA = +25°C
CONDITIONS
mV/V
0.1
1
CMRR
Common-Mode Rejection Ratio
V
VSS
VDD -1.6V
CMVR
Common-Mode Range
nA
40
Input Leakage Current
(Note 4)
0.003
5
0.003
0.050
mV
7
Trip Point
(Note 3)
5
17
4
mV
6
VOS
Input Offset Voltage
(Note 2)
14
4
1
3
7
10
11
9
11
13
5
8
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IS
Supply Current
(Note 1)
µA
MAX951/MAX952
MAX953/MAX954
2.4
7.0
V
2.7
7.0
VDD
2.8
7.0
Supply Voltage Range
COMPARATOR
TA = -10°C to +85°C
TA = TMIN to TMAX


Similar Part No. - MAX953ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX953 MAXIM-MAX953 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
MAX9532 MAXIM-MAX9532 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
MAX9532 MAXIM-MAX9532 Datasheet
90Kb / 4P
   Fully Assembled and Tested
Rev 0; 3/09
MAX9532AUB++ MAXIM-MAX9532AUB+ Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
More results

Similar Description - MAX953ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com