Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3020EH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG3020EH
Description  30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3020EH Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG3020EH_15 Datasheet HTML 1Page - NXP Semiconductors PMEG3020EH_15 Datasheet HTML 2Page - NXP Semiconductors PMEG3020EH_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3020EH_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3020EH_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3020EH_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3020EH_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3020EH_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3020EH_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PMEG3020EH_EJ_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 4 February 2010
3 of 9
NXP Semiconductors
PMEG3020EH; PMEG3020EJ
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1cm2.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
For Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses. Nomograms for determining the reverse
power losses PR and IF(AV) rating will be available on request.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1cm2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF
forward current
Tsp ≤ 55 °C-
2
A
IFRM
repetitive peak forward
current
tp ≤ 1 ms; δ≤ 0.25
-
4.5
A
IFSM
non-repetitive peak forward
current
t = 8 ms; square
wave
[1] -9
A
Ptot
total power dissipation
Tamb ≤ 25 °C
PMEG3020EH
[1] -
375
mW
[2] -
830
mW
PMEG3020EJ
[1] -
360
mW
[2] -
830
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
PMEG3020EH
[1][2] --330
K/W
[2][3] --150
K/W
PMEG3020EJ
[1][2] --350
K/W
[2][3] --150
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
PMEG3020EH
-
-
60
K/W
PMEG3020EJ
-
-
55
K/W


Similar Part No. - PMEG3020EH_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020EH-Q NEXPERIA-PMEG3020EH-Q Datasheet
185Kb / 9P
   30 V, 2 A ultra low VF Schottky barrier rectifier
11 July 2022
More results

Similar Description - PMEG3020EH_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
logo
NXP Semiconductors
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
58Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG3015EH PHILIPS-PMEG3015EH_15 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3015EH NEXPERIA-PMEG3015EH Datasheet
697Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03 - 13 January 2010
logo
NXP Semiconductors
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG3020EGW NEXPERIA-PMEG3020EGW Datasheet
682Kb / 12P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com