Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX970 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX970
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX970 Datasheet HTML 4Page - Maxim Integrated Products MAX970 Datasheet HTML 5Page - Maxim Integrated Products MAX970 Datasheet HTML 6Page - Maxim Integrated Products MAX970 Datasheet HTML 7Page - Maxim Integrated Products MAX970 Datasheet HTML 8Page - Maxim Integrated Products MAX970 Datasheet HTML 9Page - Maxim Integrated Products MAX970 Datasheet HTML 10Page - Maxim Integrated Products MAX970 Datasheet HTML 11Page - Maxim Integrated Products MAX970 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
______________________________________________________________________________________
11
3) Calculate R1: R1 = (R3 + R4) x (VHB / VCC). Putting
in the values for this example, R1 = (2.2M
Ω + 10k) x
(50mV / 5.0V) = 22.1k
Ω.
4) Choose the trip point for VIN rising. This is the
threshold voltage where the comparator output tran-
sitions from low to high as VIN rises above the trip
point. For this example, choose 3.0V.
5) Calculate R2 as follows:
where VTHR is the rising-voltage trip threshold.
Choose a standard value of 15k
Ω.
6) Verify trip voltages and hysteresis as follows:
where VTHR is the rising-voltage trip point, and VTHF
is the falling-voltage trip point.
Circuit Layout and Bypassing
Power-supply bypass capacitors are not needed if sup-
ply impedance is low, but 100nF bypass capacitors
should be used when supply impedance is high or
when supply leads are long. Minimize signal lead
lengths to reduce stray capacitance between the input
and output that might cause instability.
IR Receiver
Figure 5 shows an application using the MAX965 as an
infrared receiver. The infrared photodiode creates a
current relative to the amount of infrared light present.
This current creates a voltage across R1. When this
voltage level crosses the reference voltage applied to
the inverting input, the output transitions. Optional R3
provides additional hysteresis for noise immunity.
2-Cell to TTL Logic-Level Shifter
Figure 6 shows an application using the MAX965
to convert a 2-cell voltage-level signal into a TTL-
compatible signal. The supply voltage for the compara-
tor comes from the 2-cell supply. The output is pulled
up to a 5V supply.
V
ri
g
V
V
x R x
R
R
R
R
V
falling
V
V
R x V
R
R
Hysteresis
V
V
IN
THR
REF
IN
THF
THR
CC
THR
THF
sin :
:
=
+
+
+


=
+


=
1
1
1
1
2
1
3
4
1
3
4
R
V
V
x R
R
R
R
R
V
x
k
k
M
k
k
THR
REF
2
1
1
1
1
1
3
4
2
1
3 0
1 2
22
1
22
1
2 2
10
14 76
=


+
=


+
=
.
.
.
.
GND
VCC
VCC
VCC
VCC
0.1
µF
OUT
R3
RD
RPULL-UP
REF
MAX965
HYST
Figure 5. IR Receiver
GND
VCC
+5V
2 CELLS
0.1
µF
OUT
INPUT
REF
MAX965
HYST
Figure 6. 2-Cell to TTL Logic-Level Translator


Similar Part No. - MAX970

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
MAX9700 MAXIM-MAX9700 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97000 MAXIM-MAX97000 Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
More results

Similar Description - MAX970

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
logo
Texas Instruments
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com