Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX970 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX970
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX970 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX970 Datasheet HTML 1Page - Maxim Integrated Products MAX970 Datasheet HTML 2Page - Maxim Integrated Products MAX970 Datasheet HTML 3Page - Maxim Integrated Products MAX970 Datasheet HTML 4Page - Maxim Integrated Products MAX970 Datasheet HTML 5Page - Maxim Integrated Products MAX970 Datasheet HTML 6Page - Maxim Integrated Products MAX970 Datasheet HTML 7Page - Maxim Integrated Products MAX970 Datasheet HTML 8Page - Maxim Integrated Products MAX970 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
5
4.0
3.8
2.0
0.01
0.1
1
10
100
SUPPLY CURRENT PER COMPARATOR
vs. OUTPUT TRANSITION FREQUENCY
2.4
2.2
OUTPUT TRANSITION FREQUENCY (kHz)
2.8
2.6
3.2
3.0
3.6
3.4
VCC = 5.5V
VCC = 1.6V
100
120
110
140
130
160
150
170
190
180
200
-60
-20
0
-40
20
40
60
80
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
0
1.0
0.5
2.0
1.5
3.5
3.0
2.5
4.0
-40
-20
0
20
40
60
80
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.0V
VCC = 3.0V
0
10
5
15
30
35
25
20
40
0
1.0 1.5 2.0 2.5
0.5
3.0 3.5 4.0 4.5 5.0
PROGRAMMED HYSTERESIS
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
VCC = 5.0V
VHYST = 22mV (PROGRAMMED)
1.2320
1.2325
1.2335
1.2330
1.2340
1.2345
-60
-20
0
-40
20
40
60
80
100
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5V
VCC = 3V
VCC = 2V
1.223
1.229
1.227
1.225
1.231
1.233
1.237
1.235
1.239
1.0
1.8
2.6
3.4
4.2
5.0
5.8
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VCC (V)
0.6
0.8
0.7
1.0
0.9
1.3
1.2
1.1
1.4
0
200
100
300
400
500
600
700
REFERENCE VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (
µA)
_____________________________Typical Operating Characteristics (continued)
(VCC = +3.0V, RPULL-UP = 100kΩ, VCM = 0V, TA = +25°C, unless otherwise noted.)
IN+
OUT
PROPAGATION DELAY (tPD+)
MAX965/70-TOC15
2
µs/div
VCC = 3V
50mV/div
2V/div
50mV/div
2V/div
IN+
OUT
PROPAGATION DELAY (tPD-)
MAX965/70-TOC16b
2
µs/div
VCC = 3V


Similar Part No. - MAX970

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
MAX9700 MAXIM-MAX9700 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97000 MAXIM-MAX97000 Datasheet
1Mb / 15P
   MAX97000 Evaluation Kit
19-5053; Rev 0; 11/09
More results

Similar Description - MAX970

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
logo
Texas Instruments
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com