Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX989EUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX989EUA
Description  Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX989EUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX989EUA Datasheet HTML 1Page - Maxim Integrated Products MAX989EUA Datasheet HTML 2Page - Maxim Integrated Products MAX989EUA Datasheet HTML 3Page - Maxim Integrated Products MAX989EUA Datasheet HTML 4Page - Maxim Integrated Products MAX989EUA Datasheet HTML 5Page - Maxim Integrated Products MAX989EUA Datasheet HTML 6Page - Maxim Integrated Products MAX989EUA Datasheet HTML 7Page - Maxim Integrated Products MAX989EUA Datasheet HTML 8Page - Maxim Integrated Products MAX989EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
5
MAX985/MAX989/MAX993
SWITCHING CURRENT, OUT RISING
IN+
OUT
ICC
MAX985-13
100ns/div
50mV/
div
2V/div
1mA/div
VOD = 50mV
SWITCHING CURRENT, OUT FALLING
IN+
OUT
ICC
MAX985-14
100ns/div
50mV/
div
2V/div
1mA/div
VOD = 50mV
1MHz RESPONSE
IN+
OUT
MAX985-15
200ns/div
50mV/
div
2V/div
VOD = 50mV
POWER-UP DELAY
VCC
OUT
MAX985-16
5
µs/div
VIN- = 50mV
VIN+ = 0V
900
800
700
600
0
0
80
120
160
200
PROPAGATION DELAY
vs. INPUT OVERDRIVE
500
400
300
200
100
INPUT OVERDRIVE (mV)
40
VCC = 2.7V
VCC = 5.0V
450
380
-40
100
PROPAGATION DELAY
vs. TEMPERATURE
390
430
440
TEMPERATURE (°C)
-20
0
2040
6080
420
410
400
TO VOUT = 50% POINT
OF FINAL VALUE
TO VOUT = 10% POINT
OF FINAL VALUE
VOD = 50mV
MAX985/MAX989/MAX993
PROPAGATION DELAY (tPD+)
IN+
OUT
MAX985-11
100ns/div
50mV/
div
2V/div
VOD = 50mV
PROPAGATION DELAY (tPD-)
IN+
OUT
MAX985-12
100ns/div
50mV/
div
2V/div
VOD = 50mV
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VCM = 0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX989EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX989EUA+T MAXIM-MAX989EUA+T Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX989EUA-T MAXIM-MAX989EUA-T Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
More results

Similar Description - MAX989EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com