Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX536AJH Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MX536AJH
Description  True RMS-to-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536AJH Datasheet(HTML) 4 Page - Maxim Integrated Products

  MX536AJH Datasheet HTML 1Page - Maxim Integrated Products MX536AJH Datasheet HTML 2Page - Maxim Integrated Products MX536AJH Datasheet HTML 3Page - Maxim Integrated Products MX536AJH Datasheet HTML 4Page - Maxim Integrated Products MX536AJH Datasheet HTML 5Page - Maxim Integrated Products MX536AJH Datasheet HTML 6Page - Maxim Integrated Products MX536AJH Datasheet HTML 7Page - Maxim Integrated Products MX536AJH Datasheet HTML 8Page - Maxim Integrated Products MX536AJH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
True RMS-to-DC Converters
4
_______________________________________________________________________________________
Input Bias Current
20
300
nA
Input Resistance
10
8
Output Current
Source
+5
mA
Sink
-130
µA
Short-Circuit Current
20
mA
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
Input and Output Voltage Range
-VS to
(+VS - 2.5)
V
Input Offset Voltage
RS = 25kΩ
Small-Signal Bandwidth
±0.5
±4
mV
1
MHz
Slew Rate (Note 4)
5
V/µs
ELECTRICAL CHARACTERISTICS—MX536A (continued)
(TA = +25°C, +VS = +15V, -VS = -15V, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS—MX636
(TA = +25°C, +VS = +3V, -VS = -5V, unless otherwise noted.)
VIN = 200mV
MHz
1.5
VIN = 200mV
±3dB Bandwidth
900
VIN = 100mV
kHz
100
VIN = 10mV
130
MX636K
Bandwidth for 1%
Additional Error (0.09dB)
90
VIN = 200mV
kHz
14
VIN = 100mV
MX636J
-0.5
VIN = 10mV
Additional Error
-0.2
±% of
Reading
Specified Accuracy
Crest Factor = 6
±0.1 ±0.1
Crest Factor = 3
Total Error, External Trim
(Note 5)
mV ±% of
Reading
±0.3 ±0.1
MX636K
±0.2 ±0.5
MX636J
Total Error, Internal Trim
(Notes 5, 6)
mV ±% of
Reading
±0.5 ±1.0
Crest Factor 1 to 2
VOUT = [avg. (VIN)2]1/2
Transfer Equation
±0.1
Total Error vs. DC Reversal
±% of
Reading
±0.2
mV ±% of
Reading/V
±0.1 ±0.01
MX636J
Total Error vs. Supply
MX636K
Total Error vs. Temperature
(0°C to +70°C)
mV ±% of
Reading/°C
±0.1 ±0.01
±0.1 ±0.005
MX636K
MX636J
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
BUFFER AMPLIFIER
Figure 3
ms/µF CAV
25
Averaging Time Constant
CONVERSION ACCURACY
ERROR vs. CREST FACTOR (Note 3)
FREQUENCY RESPONSE (Notes 6, 8)


Similar Part No. - MX536AJH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX536AJH MAXIM-MX536AJH Datasheet
149Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
More results

Similar Description - MX536AJH

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
   True RMS-to-DC Converters
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
   True RMS-to-DC Converters
logo
Maxim Integrated Produc...
MX536AJEWE MAXIM-MX536AJEWE Datasheet
149Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com