Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4002AESF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMEG4002AESF
Description  40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG4002AESF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMEG4002AESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG4002AESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG4002AESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG4002AESF_15 Datasheet HTML 9Page - NXP Semiconductors PMEG4002AESF_15 Datasheet HTML 10Page - NXP Semiconductors PMEG4002AESF_15 Datasheet HTML 11Page - NXP Semiconductors PMEG4002AESF_15 Datasheet HTML 12Page - NXP Semiconductors PMEG4002AESF_15 Datasheet HTML 13Page - NXP Semiconductors PMEG4002AESF_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NXP Semiconductors
PMEG4002AESF
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002AESF
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
6 February 2015
11 / 14
14. Revision history
Table 8.
Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
PMEG4002AESF v.2
20150206
Product data sheet
-
PMEG4002AESF v.1
Modifications:
Product status changed
PMEG4002AESF v.1
20140408
Preliminary data sheet -
-


Similar Part No. - PMEG4002AESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4002AESF NEXPERIA-PMEG4002AESF Datasheet
212Kb / 13P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG4002AESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4002ELD NEXPERIA-PMEG4002ELD Datasheet
1Mb / 14P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 20 April 2011
PMEG4002EL-Q NEXPERIA-PMEG4002EL-Q Datasheet
180Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
30 September 2021
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG4002AESF NEXPERIA-PMEG4002AESF Datasheet
212Kb / 13P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4002ESF NXP-PMEG4002ESF Datasheet
193Kb / 14P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
6 February 2015
logo
Nexperia B.V. All right...
PMEG4002ESF NEXPERIA-PMEG4002ESF Datasheet
212Kb / 13P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
10 March 2017
logo
NXP Semiconductors
PMEG4002EL NXP-PMEG4002EL Datasheet
61Kb / 8P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 02-11 March 2009
PMEG4002ELD NXP-PMEG4002ELD Datasheet
773Kb / 14P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 April 2011
PMEG2002AESF PHILIPS-PMEG2002AESF_15 Datasheet
197Kb / 14P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
22 January 2014
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com