Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2110-98F Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA2110-98F
Description  7-12GHz LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2110-98F Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA2110-98F Datasheet HTML 2Page - United Monolithic Semiconductors CHA2110-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHA2110-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHA2110-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHA2110-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHA2110-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHA2110-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHA2110-98F Datasheet HTML 9Page - United Monolithic Semiconductors CHA2110-98F Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CHA2110-98F
7-12GHz LNA
Ref. : DSCHA21102181 - 29 Jun 12
10/10
Specifications subject to change without notice
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Recommended ESD management
Refer to the application note AN0020 available at http://www.ums-gaas.com for ESD
sensitivity and handling recommendations for the UMS products.
Recommended environmental management
UMS products are compliant with the regulation in particular with the directives RoHS
N°2011/65 and REACh N°1907/2006. More environmental data are available in the
application note AN0019 also available at http://www.ums-gaas.com.
Ordering Information
Chip form:
CHA2110-98F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.


Similar Part No. - CHA2110-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2110-QDG UMS-CHA2110-QDG Datasheet
484Kb / 10P
   7-12 GHz LNA
More results

Similar Description - CHA2110-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2110-QDG UMS-CHA2110-QDG Datasheet
484Kb / 10P
   7-12 GHz LNA
logo
Hittite Microwave Corpo...
HMC-C016 HITTITE-HMC-C016 Datasheet
528Kb / 6P
   WIDEBAND LNA MODULE, 7 - 17 GHz
logo
United Monolithic Semic...
CHT3091AQAG UMS-CHT3091AQAG_15 Datasheet
289Kb / 6P
   DC-12GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG_10 Datasheet
277Kb / 6P
   DC-12GHz ATTENUATOR
CHT3091AQAG UMS-CHT3091AQAG Datasheet
322Kb / 6P
   DC-12GHz ATTENUATOR
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710 Datasheet
193Kb / 15P
   10.5 - 12GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105 Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com