Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2193 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2193
Description  20-30GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2193 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2193_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2193_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2193_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2193_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2193_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2193_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2193_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2193_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2193_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
20-30GHz Low Noise Amplifier
CHA2193
Ref. : DSCHA21939042-11 Feb 99
3/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
This low noise amplifier can also be used for broadband operation following the
relaxed characteristics shown below.
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd = 3.5V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
20
30
GHz
G
Small signal gain (1)
16
18
dB
∆G
Small signal gain flatness (1)
±1
dB
Is
Reverse isolation (1)
25
30
dB
NF
Noise figure
2.0
2.5
dB
P1dB
CW output power at 1dB compression (1)
6
8
dBm
VSWRin
Input VSWR (1)
2.0:1
3.0:1
VSWRout
Output VSWR (1)
2.0:1
3.0:1
Vd
DC Voltage
3.5
4
V
Id
Bias current
60
100
mA
(1) These values are representative for CW on-wafer measurements that are made without
bonding wires at the RF ports.


Similar Part No. - CHA2193_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
   20-30GHz Low Noise Amplifier
More results

Similar Description - CHA2193_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_15 Datasheet
128Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
   20-30GHz Low Noise Amplifier
CHA2093RBF UMS-CHA2093RBF Datasheet
186Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190 Datasheet
163Kb / 9P
   20-30GHz Low Noise Amplifier
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA3689 UMS-CHA3689 Datasheet
261Kb / 10P
   12.5-30GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
   18-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com