Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4020EPAS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG4020EPAS
Description  40 V, 2 A low VF MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG4020EPAS Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG4020EPAS_15 Datasheet HTML 1Page - NXP Semiconductors PMEG4020EPAS_15 Datasheet HTML 2Page - NXP Semiconductors PMEG4020EPAS_15 Datasheet HTML 3Page - NXP Semiconductors PMEG4020EPAS_15 Datasheet HTML 4Page - NXP Semiconductors PMEG4020EPAS_15 Datasheet HTML 5Page - NXP Semiconductors PMEG4020EPAS_15 Datasheet HTML 6Page - NXP Semiconductors PMEG4020EPAS_15 Datasheet HTML 7Page - NXP Semiconductors PMEG4020EPAS_15 Datasheet HTML 8Page - NXP Semiconductors PMEG4020EPAS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PMEG4020EPAS
40 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with
an integrated guard ring for stress protection, encapsulated in an ultra thin DFN2020D-3
(SOT1061D) leadless small Surface-Mounted Device (SMD) plastic package with visible
and solderable side pads.
2. Features and benefits
Average forward current IF(AV) ≤ 2 A
Reverse voltage VR ≤ 40 V
Low forward voltage VF ≤ 535 mV
Low reverse current
Reduced Printed-Circuit-Board (PCB) area requirements
Exposed heat sink (cathode pad) for excellent thermal and electrical conductivity
Leadless small SMD plastic package with visible and solderable side pads
Suitable for Automatic Optical Inspection (AOI) of solder joints
AEC-Q101 qualified
3. Applications
Low voltage rectification
High efficiency DC-to-DC conversion
Switch Mode Power Supply (SMPS)
Free-wheeling application
Reverse polarity protection
Low power consumption application
Battery chargers for mobile equipment
LED backlight for mobile application
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
δ = 0.5; f = 20 kHz; Tamb ≤ 65 °C;
square wave
[1]
-
-
2
A
IF(AV)
average forward
current
δ = 0.5; f = 20 kHz; Tsp ≤ 140 °C;
square wave
-
-
2
A
VR
reverse voltage
Tj = 25 °C
-
-
40
V


Similar Part No. - PMEG4020EPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4020EPAS NEXPERIA-PMEG4020EPAS Datasheet
710Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG4020EPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4020EPAS NEXPERIA-PMEG4020EPAS Datasheet
710Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020ETR NEXPERIA-PMEG4020ETR Datasheet
229Kb / 13P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4020ETP NXP-PMEG4020ETP Datasheet
160Kb / 14P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
Rev. 1-5 October 2011
PMEG4020EPK PHILIPS-PMEG4020EPK_15 Datasheet
212Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
11 February 2014
logo
Nexperia B.V. All right...
PMEG4020EPK NEXPERIA-PMEG4020EPK Datasheet
703Kb / 15P
   40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG40T20EP-Q NEXPERIA-PMEG40T20EP-Q Datasheet
245Kb / 13P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
9 November 2021
PMEG40T20ER NEXPERIA-PMEG40T20ER Datasheet
229Kb / 14P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
PMEG40T20ER-Q NEXPERIA-PMEG40T20ER-Q Datasheet
251Kb / 13P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
8 November 2021
PMEG40T20EP NEXPERIA-PMEG40T20EP Datasheet
227Kb / 14P
   40 V, 2 A low VF Trench MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK_15 Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com