Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2194 Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHA2194
Description  36-44GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2194 Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHA2194 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 9Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
36-44GHz Low Noise Amplifier
CHA2194
Ref : DSCHA21942035 -04-Feb.-02
9/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Biasing options
Internal DC schematic
This chip is self-biased, and flexibility is provided by the access to positive Vg.
The internal DC electrical schematic is given in order to use these pads in a safe way.
Absolute recommandations
N°1: Do not exceed Vds* = 3,5 Volt ( internal Drain to Source voltage ).
N°2: Do not bias in such a way that Vgs* becomes po sitive. (internal Gate to Source voltage)
Typical biasing table and Typical results in test Jig at 40 GHz
40GHz IN TEST Jig
Vds ( V) Vg12 (V) Vg3 (V)
Id (mA)
Typical NF(dB) Typical Gain (dB) Typical P-1dB (dB) Typical Psat (dB)
Standard
3.5
NC
NC
42
2.9
19
10
12
Low Noise High linearity
4
1
1
60
2,95
20
11
14
Low noise /low current consumption
3,5
-1
-1
30
3
17,5
8
11
Switch off
3.5
-8
-5
0
X
X
X
X


Similar Part No. - CHA2194

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2194 UMS-CHA2194 Datasheet
195Kb / 10P
   36-44GHz Low Noise Amplifier
CHA2194-99F/00 UMS-CHA2194-99F/00 Datasheet
195Kb / 10P
   36-44GHz Low Noise Amplifier
More results

Similar Description - CHA2194

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2194 UMS-CHA2194 Datasheet
195Kb / 10P
   36-44GHz Low Noise Amplifier
CHA2494-98F UMS-CHA2494-98F_15 Datasheet
231Kb / 12P
   34-44GHz Low Noise Amplifier
CHA2494-QEG UMS-CHA2494-QEG_15 Datasheet
640Kb / 14P
   34-44GHz Low Noise Amplifier
CHT4699-99F UMS-CHT4699-99F Datasheet
474Kb / 12P
   36-44GHz Variable Attenuator
CHA2091 UMS-CHA2091_07 Datasheet
191Kb / 8P
   36-40GHz Low Noise Amplifier
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
CHT4699-QDG UMS-CHT4699-QDG Datasheet
475Kb / 12P
   36-44GHz Variable Attenuator
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
   36-40GHz Low Noise Amplifier
CHA2091 UMS-CHA2091_15 Datasheet
135Kb / 8P
   36-40GHz Low Noise Amplifier
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
   36-44GHz Multifunction Down-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com