Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6010CPAS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG6010CPAS
Description  60 V, 1 A low VF dual MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG6010CPAS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG6010CPAS_15 Datasheet HTML 5Page - NXP Semiconductors PMEG6010CPAS_15 Datasheet HTML 6Page - NXP Semiconductors PMEG6010CPAS_15 Datasheet HTML 7Page - NXP Semiconductors PMEG6010CPAS_15 Datasheet HTML 8Page - NXP Semiconductors PMEG6010CPAS_15 Datasheet HTML 9Page - NXP Semiconductors PMEG6010CPAS_15 Datasheet HTML 10Page - NXP Semiconductors PMEG6010CPAS_15 Datasheet HTML 11Page - NXP Semiconductors PMEG6010CPAS_15 Datasheet HTML 12Page - NXP Semiconductors PMEG6010CPAS_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NXP Semiconductors
PMEG6010CPAS
60 V, 1 A low VF dual MEGA Schottky barrier rectifier
PMEG6010CPAS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
20 January 2015
9 / 15
11. Test information
time
IF
IR
trr
IR(meas)
006aad022
Fig. 13. Reverse recovery definition
t1
t2
P
t
006aaa812
duty cycle δ =
t1
t2
Fig. 14. Duty cycle definition
The current ratings for the typical waveforms are calculated according to the equations:
IF(AV) = IM × δ with IM defined as peak current, IRMS = IF(AV) at DC, and IRMS = IM × √δ with
IRMS defined as RMS current.
11.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.


Similar Part No. - PMEG6010CPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6010CPAS NEXPERIA-PMEG6010CPAS Datasheet
713Kb / 15P
   60 V, 1 A low VF dual MEGA Schottky barrier rectifier
More results

Similar Description - PMEG6010CPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6010CPAS NEXPERIA-PMEG6010CPAS Datasheet
713Kb / 15P
   60 V, 1 A low VF dual MEGA Schottky barrier rectifier
PMEG6010CEGW NEXPERIA-PMEG6010CEGW Datasheet
686Kb / 12P
   60 V, 1 A Low VF MEGA Schottky barrier rectifier
PMEG6010AESB NEXPERIA-PMEG6010AESB Datasheet
699Kb / 15P
   60 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG6010ESB NEXPERIA-PMEG6010ESB Datasheet
743Kb / 15P
   60 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG4010CPA NEXPERIA-PMEG4010CPA Datasheet
894Kb / 15P
   1 A low VF dual MEGA Schottky barrier rectifier
PMEG6010CPA NEXPERIA-PMEG6010CPA Datasheet
445Kb / 16P
   1 A low VF dual MEGA Schottky barrier rectifier
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PMEG6010CPA NXP-PMEG6010CPA Datasheet
345Kb / 15P
   1 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-25 August 2010
PMEG4010CPAS PHILIPS-PMEG4010CPAS_15 Datasheet
228Kb / 15P
   40 V, 1 A low VF dual MEGA Schottky barrier rectifier
20 January 2015
PMEG060V050EPD PHILIPS-PMEG060V050EPD_15 Datasheet
229Kb / 15P
   60 V, 5 A low VF MEGA Schottky barrier rectifier
22 January 2015
logo
Nexperia B.V. All right...
PMEG060V050EPD NEXPERIA-PMEG060V050EPD Datasheet
714Kb / 15P
   60 V, 5 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com