Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG10030ELP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG10030ELP
Description  100 V, 3 A low leakage current Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG10030ELP Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG10030ELP_15 Datasheet HTML 1Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 2Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 3Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 4Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 5Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 6Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 7Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 8Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NXP Semiconductors
PMEG10030ELP
100 V, 3 A low leakage current Schottky barrier rectifier
PMEG10030ELP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 May 2015
3 / 15
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj = 25 °C
-
100
V
IF
forward current
Tsp = 155 °C; δ = 1
-
4.2
A
δ = 0.5; f = 20 kHz; Tamb ≤ 55 °C;
square wave
[1]
-
3
A
IF(AV)
average forward current
δ = 0.5; f = 20 kHz; Tsp ≤ 160 °C;
square wave
-
3
A
IFSM
non-repetitive peak forward
current
tp = 8 ms; Tj(init) = 25 °C; square wave
-
70
A
[2]
-
750
mW
[3]
-
1250
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
2500
mW
Tj
junction temperature
-
175
°C
Tamb
ambient temperature
-55
175
°C
Tstg
storage temperature
-65
175
°C
[1] Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1][2]
-
-
200
K/W
[1][3]
-
-
120
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1][4]
-
-
60
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
[5]
-
-
12
K/W
[1] For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[4] Device mounted on a ceramic PCB, Al2O3, standard footprint.
[5] Soldering point of cathode tab.


Similar Part No. - PMEG10030ELP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG10030ELP-Q NEXPERIA-PMEG10030ELP-Q Datasheet
265Kb / 13P
   100 V, 3 A low leakage current Schottky barrier rectifier
20 February 2023
More results

Similar Description - PMEG10030ELP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG10030ELP-Q NEXPERIA-PMEG10030ELP-Q Datasheet
265Kb / 13P
   100 V, 3 A low leakage current Schottky barrier rectifier
20 February 2023
PMEG10030ELP NEXPERIA-PMEG10030ELP Datasheet
265Kb / 14P
   100 V, 3 A low leakage current Schottky barrier rectifier
PMEG100T30ELP-Q NEXPERIA-PMEG100T30ELP-Q Datasheet
258Kb / 14P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
7 July 2021
PMEG100T030ELPE NEXPERIA-PMEG100T030ELPE Datasheet
261Kb / 13P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
3 December 2020
PMEG100T30ELR-Q NEXPERIA-PMEG100T30ELR-Q Datasheet
261Kb / 14P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
19 May 2021
PMEG100T030ELPE-Q NEXPERIA-PMEG100T030ELPE-Q Datasheet
261Kb / 13P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
10 May 2021
PMEG100T30ELP NEXPERIA-PMEG100T30ELP Datasheet
258Kb / 14P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
PMEG100T30ELR NEXPERIA-PMEG100T30ELR Datasheet
261Kb / 14P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
12 July 2021
PMEG10020AELR-Q NEXPERIA-PMEG10020AELR-Q Datasheet
265Kb / 14P
   100 V, 2 A low leakage current Schottky barrier rectifier
22 December 2022
PMEG10010ELR NEXPERIA-PMEG10010ELR Datasheet
241Kb / 15P
   100 V, 1 A low leakage current Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com