Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMF170XP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMF170XP
Description  20 V, 1 A P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMF170XP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMF170XP_15 Datasheet HTML 7Page - NXP Semiconductors PMF170XP_15 Datasheet HTML 8Page - NXP Semiconductors PMF170XP_15 Datasheet HTML 9Page - NXP Semiconductors PMF170XP_15 Datasheet HTML 10Page - NXP Semiconductors PMF170XP_15 Datasheet HTML 11Page - NXP Semiconductors PMF170XP_15 Datasheet HTML 12Page - NXP Semiconductors PMF170XP_15 Datasheet HTML 13Page - NXP Semiconductors PMF170XP_15 Datasheet HTML 14Page - NXP Semiconductors PMF170XP_15 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NXP Semiconductors
PMF170XP
20 V, 1 A P-channel Trench MOSFET
PMF170XP
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
29 October 2013
11 / 15
13. Soldering
solder lands
solder resist
occupied area
solder paste
sot323_fr
2.65
2.35 0.6
(3×)
0.5
(3×)
0.55
(3×)
1.325
1.85
1.3
3
2
1
Dimensions in mm
Fig. 19. Reflow soldering footprint for SC-70 (SOT323)
sot323_fw
3.65 2.1
1.425
(3×)
4.6
09
(2×)
2.575
1.8
solder lands
solder resist
occupied area
preferred transport
direction during soldering
Dimensions in mm
Fig. 20. Wave soldering footprint for SC-70 (SOT323)


Similar Part No. - PMF170XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMF170XP NXP-PMF170XP Datasheet
246Kb / 15P
   20 V, 1 A P-channel Trench MOSFET
29 October 2013
logo
Nexperia B.V. All right...
PMF170XP NEXPERIA-PMF170XP Datasheet
264Kb / 14P
   20 V, 1 A P-channel Trench MOSFET
3 May 2023
More results

Similar Description - PMF170XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMF170XP NXP-PMF170XP Datasheet
246Kb / 15P
   20 V, 1 A P-channel Trench MOSFET
29 October 2013
logo
Nexperia B.V. All right...
PMF170XP NEXPERIA-PMF170XP Datasheet
264Kb / 14P
   20 V, 1 A P-channel Trench MOSFET
3 May 2023
logo
ZP Semiconductor
PMV160UP ZPSEMI-PMV160UP Datasheet
484Kb / 4P
   20 V, 1.2 A P-channel Trench MOSFET
logo
NXP Semiconductors
PMV160UP PHILIPS-PMV160UP_15 Datasheet
892Kb / 16P
   20 V, 1.2 A P-channel Trench MOSFET
Rev. 2-6 December 2011
logo
Nexperia B.V. All right...
PMV48XP NEXPERIA-PMV48XP Datasheet
755Kb / 15P
   20 V, 3.5 A P-channel Trench MOSFET
Rev. 1 - 21 December 2010
logo
NXP Semiconductors
NX2301P PHILIPS-NX2301P Datasheet
370Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-26 October 2010
PMG85XP PHILIPS-PMG85XP Datasheet
730Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-28 June 2011
logo
Nexperia B.V. All right...
PMG85XP NEXPERIA-PMG85XP Datasheet
1Mb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1 - 28 June 2011
logo
ZP Semiconductor
PMV32UP ZPSEMI-PMV32UP Datasheet
450Kb / 4P
   20 V, 4 A P-channel Trench MOSFET
logo
NXP Semiconductors
PMV32UP PHILIPS-PMV32UP Datasheet
978Kb / 15P
   20 V, 4 A P-channel Trench MOSFET
Rev. 1-11 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com