Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2441-QAG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2441-QAG
Description  22-26GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2441-QAG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2441-QAG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2441-QAG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2441-QAG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2441-QAG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2441-QAG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2441-QAG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2441-QAG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2441-QAG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2441-QAG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CHA2441-QAG
22-26GHz Low Noise Amplifier
Ref. : DSCHA2441-QAG3149 - 29 May 13
2/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Full operating temperature range; Vd=+3.3V
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency Range
22
26
GHz
Gain
Small signal gain
25.5
dB
G(T)
Small signal gain variation over temperature
+2/- 2.5
dB
NF
SSB Noise Figure
2.5
dB
S11/S22
Input/Output Return Loss
12
dB
Pin-1dB
Input power at 1 dB gain compression
-14
dBm
IIP3
Input IP3
-4
dBm
Psat
Saturated output power @ 24.5 GHz
15
dBm
Id
Supply Current
50
mA
Top
Operating temperature range
-40
25
105
°C
These values are representative of onboard measurements as defined on the drawing in
paragraph "Evaluation mother board".
Absolute Maximum Ratings
(1)
Symbol
Parameter
Values
Unit
+Vd
Maximum positive supply voltage
4.0
V
+I
Maximum positive supply current
70
mA
RFin
Maximum peak input power overdrive
-5.0
dBm
Top
Operating temperature range
-40 to 105
°C
Tstg
Storage temperature range
-55 to 150
°C
Tjmax
Maximum Junction Temperature
175
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.


Similar Part No. - CHA2441-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
   GaAs Monolithic Microwave IC In QFN package
CHA2411-QDG UMS-CHA2411-QDG Datasheet
534Kb / 10P
   20-25GHz Low Noise Amplifier
CHA2411-QDG UMS-CHA2411-QDG_15 Datasheet
534Kb / 10P
   20-25GHz Low Noise Amplifier
CHA2494-98F UMS-CHA2494-98F Datasheet
231Kb / 12P
   34-44GHz Low Noise Amplifier
CHA2494-98F UMS-CHA2494-98F_15 Datasheet
231Kb / 12P
   34-44GHz Low Noise Amplifier
More results

Similar Description - CHA2441-QAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5093 UMS-CHA5093 Datasheet
160Kb / 8P
   22-26GHz High Power Amplifier
logo
Teledyne Technologies I...
TDLNA2626SEP TELEDYNE-TDLNA2626SEP Datasheet
1Mb / 10P
   17-22 GHz Low Noise Amplifier
06-2023 Rev 0.7a
logo
Filtronic Compound Semi...
LMA208G FILTRONIC-LMA208G Datasheet
158Kb / 4P
   2-26GHz PHEMT Amplifier
logo
TriQuint Semiconductor
QPA2628 TRIQUINT-QPA2628 Datasheet
1Mb / 14P
   22 ??32 GHz GaAs Low Noise Amplifier
logo
Qorvo, Inc
QPA2628 QORVO-QPA2628 Datasheet
1Mb / 15P
   22 – 31.5 GHz GaAs Low Noise Amplifier
August 2020
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
CMD246C4 QORVO-CMD246C4 Datasheet
263Kb / 10P
   8-22 GHz Low Phase Noise Amplifier
TGA2227-SM QORVO-TGA2227-SM_V01 Datasheet
912Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
CMD246 QORVO-CMD246 Datasheet
298Kb / 10P
   8-22 GHz Low Phase Noise Amplifier
logo
TriQuint Semiconductor
QPA2626 TRIQUINT-QPA2626 Datasheet
1Mb / 14P
   17-22 GHz GaAs Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com