Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX636JD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MX636JD
Description  True RMS-to-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX636JD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MX636JD Datasheet HTML 4Page - Maxim Integrated Products MX636JD Datasheet HTML 5Page - Maxim Integrated Products MX636JD Datasheet HTML 6Page - Maxim Integrated Products MX636JD Datasheet HTML 7Page - Maxim Integrated Products MX636JD Datasheet HTML 8Page - Maxim Integrated Products MX636JD Datasheet HTML 9Page - Maxim Integrated Products MX636JD Datasheet HTML 10Page - Maxim Integrated Products MX636JD Datasheet HTML 11Page - Maxim Integrated Products MX636JD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
High-Accuracy Adjustments
The accuracy of the MX536A/MX636 can be improved
by the addition of external trims as shown in Figure 4.
R4 trims the offset. The input should be grounded and
R4 adjusted to give zero volts output from pin 6. R1 is
trimmed to give the correct value for either a calibrated
DC input or a calibrated AC signal. For example: 200mV
DC input should give 200mV DC output; a ±200mV
peak-to-peak sine-wave should give 141mV DC output.
Single-Supply Operation
Both the MX536A and the MX636 can be used with a
single supply down to +5V (Figure 5). The major limita-
tion of this connection is that only AC signals can be
measured, since the differential input stage must be
biased off ground for proper operation. The load resis-
tor is necessary to provide output sink current. The
input signal is coupled through C2 and the value cho-
sen so that the desired low-frequency break point is
obtained with the input resistance of 16.7k
Ω for the
MX536A and 6.7k
Ω for the MX636.
Figure 5 shows how to bias pin 10 within the range of
the supply voltage (pin 2 on “H” packages). It is critical
that no extraneous signals are coupled into this pin. A
capacitor connected between pin 10 and ground is
recommended. The common pin requires less than 5µA
of input current, and if the current flowing through resis-
tors R1 and R2 is chosen to be approximately 10 times
the common pin current, or 50µA, the resistor values
can easily be calculated.
Choosing the Averaging Time Constant
Both the MX536A and MX636 compute the RMS value
of AC and DC signals. At low frequencies and DC, the
output tracks the input exactly; at higher frequencies,
the average output approaches the RMS value of the
input signal. The actual output differs from the ideal by
an average (or DC) error plus some amount of ripple.
The DC error term is a function of the value of CAV and
the input signal frequency. The output ripple is inverse-
True RMS-to-DC Converters
8
_______________________________________________________________________________________
100
0.1
0.22
0.65
1
100
1k
1
10
10
0.01
0.1
1
FREQUENCY (Hz)
10
60
1%
0.1%
Figure 3. Lower Frequency for Stated % of Reading Error and
Settling Time for Circuit shown in Figure 2
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
-VS
R1
+VS
VOUT
CAV
R2
R3
R4
-VS
+VS
MX536A
500
365
750k
50k
MX636
200
154
470k
500k
R1
R2
R3
R4
MX536A
MX636
Figure 4. Optional External Gain and Output Offset Trims
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
+VS
RL
VOUT
CAV
R1
R2
MX536A
20k
10k
1
µF
MX636
20k
39k
3.3
µF
R1
R2
C2
10k TO 1k
0.1
µF
0.1
µF
C2
MX536A
MX636
Figure 5. Single-Supply Operation


Similar Part No. - MX636JD

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX631 CMLMICRO-MX631 Datasheet
141Kb / 9P
   LOW VOLTAGE SPM DETECTOR
MX631DW CMLMICRO-MX631DW Datasheet
141Kb / 9P
   LOW VOLTAGE SPM DETECTOR
MX631P CMLMICRO-MX631P Datasheet
141Kb / 9P
   LOW VOLTAGE SPM DETECTOR
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
   CALL PROCRESS TONE DETECTOR
MX633P MICROSEMI-MX633P Datasheet
95Kb / 11P
   CALL PROCRESS TONE DETECTOR
More results

Similar Description - MX636JD

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
   True RMS-to-DC Converters
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
   True RMS-to-DC Converters
logo
Maxim Integrated Produc...
MX536AJEWE MAXIM-MX536AJEWE Datasheet
149Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com