Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3063 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA3063
Description  5.5-23GHz Driver Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3063 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHA3063 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHA3063
5.5-23GHz Driver Amplifier
Ref : DSCHA3063-8144 - 23 May 08
6/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical ON JIG Noise Figure Measurements
Vd=4V Id=160mA @ 23GHz
∆∆∆∆ f=10MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
Input power (dBm)
5
15
25
35
45
55
65
75
H3
H1
F2 + ( F2-F1 ) Df=10MHz
F2 Df=10MHz
IM3
OIP3 # 28.5dBm
Fundamental
3rd order
IM3
Noise Figure versus Temperature
2
2,5
3
3,5
4
4,5
5
5,5
6
6,5
5
7
9
11
13
15
17
19
21
23
Frequency (GHz)
85°C
25°C
-40°C


Similar Part No. - CHA3063

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3063 UMS-CHA3063 Datasheet
154Kb / 7P
   5.5-23GHz Driver Amplifier
CHA3063 UMS-CHA3063 Datasheet
242Kb / 8P
   5.5-23GHz Driver Amplifier
CHA3063-99F/00 UMS-CHA3063-99F/00 Datasheet
154Kb / 7P
   5.5-23GHz Driver Amplifier
CHA3063 UMS-CHA3063_08 Datasheet
242Kb / 8P
   5.5-23GHz Driver Amplifier
More results

Similar Description - CHA3063

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3063 UMS-CHA3063_08 Datasheet
242Kb / 8P
   5.5-23GHz Driver Amplifier
CHA3063 UMS-CHA3063 Datasheet
154Kb / 7P
   5.5-23GHz Driver Amplifier
logo
Hittite Microwave Corpo...
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
logo
United Monolithic Semic...
CHA6250-QFG UMS-CHA6250-QFG Datasheet
434Kb / 14P
   5.5-9GHz Power Amplifier
CHA6250-QFG UMS-CHA6250-QFG_15 Datasheet
446Kb / 14P
   5.5-9GHz Power Amplifier
CHA4664-QGG UMS-CHA4664-QGG Datasheet
797Kb / 16P
   5.5-16GHz Variable Gain Amplifier
CHA5250-QDG UMS-CHA5250-QDG_15 Datasheet
518Kb / 16P
   5.5-9GHz Medium Power Amplifier
CHA4250-QDG UMS-CHA4250-QDG_15 Datasheet
578Kb / 14P
   5.5-11GHz Medium Power Amplifier
logo
National Semiconductor ...
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2435 NSC-LM2435 Datasheet
478Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com